Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5345SR Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF5345SR
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5345SR Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF5345SR Datasheet HTML 9Page - RF Micro Devices RF5345SR Datasheet HTML 10Page - RF Micro Devices RF5345SR Datasheet HTML 11Page - RF Micro Devices RF5345SR Datasheet HTML 12Page - RF Micro Devices RF5345SR Datasheet HTML 13Page - RF Micro Devices RF5345SR Datasheet HTML 14Page - RF Micro Devices RF5345SR Datasheet HTML 15Page - RF Micro Devices RF5345SR Datasheet HTML 16Page - RF Micro Devices RF5345SR Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13 of 20
RF5345
DS120215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF5345 Theory of Operation
The RF5345 FEM can be applied in many portable applications such as handsets, digital cameras, personal media players,
and more. This highly integrated module can be connected directly to the battery without additional voltage regulators.
WiFi Transmit Mode
The RF5345 requires a single positive supply (VCC), a positive supply for switch controls, and a regulated supply for the Vreg
pin to maintain nominal bias current. If desired, the switch control voltages may be tied directly to VCC as long as the maximum
operating voltage does not exceed 4.8V. The RF5345 transmit path has a typical gain of 25dB from 2.4GHz to 2.5GHz, and
delivers 17dBm typical output power under 54Mbps OFDM modulation and 20dBm under 1Mbps 11b modulation.
While in transmit mode, the active components are the Power Amplifier (PA) and the TX branch of the SP3T switch. Refer to fig-
ures 1 and 2 below for proper settings.
Figure 1. WiFi Transmit Path Test Setup
Sig Gen
DUT
Main Supply
Voltage
Dual Channel
Spectrum
Analyzer
P-Meter
TX_In Port
ANT Port
Vreg Supply
Voltage
Dual Channel
Coupler
Multimeter to
sense Pdetect
Coupler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com