Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5375 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF5375
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5375 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF5375 Datasheet HTML 4Page - RF Micro Devices RF5375 Datasheet HTML 5Page - RF Micro Devices RF5375 Datasheet HTML 6Page - RF Micro Devices RF5375 Datasheet HTML 7Page - RF Micro Devices RF5375 Datasheet HTML 8Page - RF Micro Devices RF5375 Datasheet HTML 9Page - RF Micro Devices RF5375 Datasheet HTML 10Page - RF Micro Devices RF5375 Datasheet HTML 11Page - RF Micro Devices RF5375 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11 of 12
RF5375
DS120215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Performance Plots
0
1
2
3
4
5
6
7
8
0123456789
10
11
12
13
14
15
16
17
18
19
20
Output Power (dBm)
RF5375: EVM vs. Output Power vs. Temperature
(Vcc=3.3v; Vreg=2.85v; Freq=2450MHz)
-10C
+25C
+70C
16
20
24
28
32
0123456789
10
11
12
13
14
15
16
17
18
19
20
Output Power (dBm)
RF5375: GAIN vs. Output Power vs. Temperature
(Vcc=3.3v; Vreg=2.85v; Freq=2450MHz)
-10C
+25C
+70C
5.00E-02
1.00E-01
1.50E-01
2.00E-01
2.50E-01
3.00E-01
0123456789
10
11
12
13
14
15
16
17
18
19
20
Output Power (dBm)
RF5375: Opera ng Current vs. Output Power vs. Temperature
(Vcc=3.3v; Vreg=2.85v; Freq=2450MHz)
-10C
+25C
+70C
-60
-55
-50
-45
-40
-35
-30
-25
-20
02468
10
12
14
16
18
20
22
Output Power (dBm)
RF5375: ACP1 vs. Output Power vs. Temperature
(Vcc=3.3v; Vreg=2.85v; Freq=2450MHz)
-10C
+25C
+70C
-80
-75
-70
-65
-60
-55
-50
-45
-40
02468
10
12
14
16
18
20
22
Output Power (dBm)
RF5375: ACP2 vs. Output Power vs. Temperature
(Vcc=3.3v; Vreg=2.85v; Freq=2450MHz)
-10C
+25C
+70C
-60
-50
-40
-30
-20
-10
0
02468
10
12
14
16
18
20
22
Output Power (dBm)
RF5375: Second Harmonic vs. Output Power vs. Temperature
(Vcc=3.3v; Vreg=2.85v; Freq=2450MHz)
-10C
+25C
+70C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com