Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5375SQ Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5375SQ
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5375SQ Datasheet(HTML) 2 Page - RF Micro Devices

  RF5375SQ Datasheet HTML 1Page - RF Micro Devices RF5375SQ Datasheet HTML 2Page - RF Micro Devices RF5375SQ Datasheet HTML 3Page - RF Micro Devices RF5375SQ Datasheet HTML 4Page - RF Micro Devices RF5375SQ Datasheet HTML 5Page - RF Micro Devices RF5375SQ Datasheet HTML 6Page - RF Micro Devices RF5375SQ Datasheet HTML 7Page - RF Micro Devices RF5375SQ Datasheet HTML 8Page - RF Micro Devices RF5375SQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 of 12
RF5375
DS120215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5.4
VDC
PA Regulated Voltage (VREG)
-0.5 to 3.5
VDC
DC Supply Current
500
mA
Maximum TX and RX Input Power (no damage)
0
dBm
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity
MSL2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Compliance
IEEE802.11b/g/n Standards; FCC CFG 15.247, .205, .209;
EN and JDEC.
Operating Conditions
VCC=3.0V to 4.8V; VREG=2.8V to 2.9V; Switch Control
voltage=2.7V to 3.6V; Temp=-10°C to +70°C (Spec Compli-
ant); Temp=-40°C to
-10°C and +70°C to +85°C (Reduced Performance); Unless
noted otherwise
Frequency Range
2.4
2.5
GHz
Power Supply
3.0
3.3
4.8
V
2.7
V
Derated performance
VREG Voltage
ON
2.80
2.85
2.90
V
PA in “ON” state
OFF
0
0.2
V
PA in “OFF” state
Output Power
11n
16.5
17
dBm
VCC>3.0V OFDM 54Mbps
11n
17.5
18
dBm
VCC>3.3V OFDM 54Mbps
11g
18
18.5
dBm
VCC>3.3V OFDM 54Mbps
11b
19.5
21
dBm
11Mbps, CCK, VCC>3.3V
EVM
11g
4
%
18dBm, OFDM 54Mbps, VCC=3.3V to 4.8V, all temperature
11n
2.5
3.0
%
17.5dBm, OFDM 54Mbps, VCC=3.3V to 4.8V, all temperature
3.0
%
16.5dBm, OFDM 54Mbps, VCC =3.0 VDC, all temperature
Adjacent Channel Power
POUT=21Bm, Vcc=3.3v, 11Mbps CCK signal. See note 2
ACP1
-36
-33
dBc
+/- 11MHz Offset from carrier
ACP2
-56
-52
dBc
+/- 22MHz Offset from carrier
Gain
23
25
29
dB
At rated POUT
Gain Variance Slope
Channel 40MHz BW
-1.0
+1.0
dB
Channel 20MHz BW
-0.5
+0.5
dB
Frequency 100MHz BW
-2
+2
dB
In-Band variance 2.4GHz to 2.5GHz
Out of Band Rejection
2170MHz
6
8
dBc
CW Signal
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com