Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5385 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5385
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5385 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5385 Datasheet HTML 1Page - RF Micro Devices RF5385 Datasheet HTML 2Page - RF Micro Devices RF5385 Datasheet HTML 3Page - RF Micro Devices RF5385 Datasheet HTML 4Page - RF Micro Devices RF5385 Datasheet HTML 5Page - RF Micro Devices RF5385 Datasheet HTML 6Page - RF Micro Devices RF5385 Datasheet HTML 7Page - RF Micro Devices RF5385 Datasheet HTML 8Page - RF Micro Devices RF5385 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4 of 11
RF5385
DS120723
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Switch Control Logic Truth Table
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz Receive
Frequency
2.4
2.5
GHz
Test frequency range: 2412MHz to 2484MHz
Insertion Loss
0.8
1.2
dB
Over supply voltage, temp range and frequency
Input P1dB
22
dBm
Passband Ripple
WiFi RX Mode
-0.2
+0.2
dB
WiFi RX/BT Mode
-0.2
+0.2
dB
WiFi RX Port Return Loss
10
12
dB
WiFi RX Port Impedance
50
Bluetooth®
Frequency
2.4
2.5
GHz
Test frequency range: 2412MHz to 2484MHz
Insertion Loss
BT TX/RX Loss
0.8
1.2
dB
Over supply voltage, temp range and frequency
Bluetooth Port Return Loss
10
dB
Bluetooth Port Impedance
50
Input P1dB
22
dBm
Other Requirements
Antenna Port Impedance
50
Return Loss
10
12
dB
In WiFi RX or BT Mode
Isolation
ANT to RX
20
dB
At rated POUT in TX Mode
Switch Control Voltage
Low
0
0.2
V
High
2.7
3.6
V
Switch Control Current
Low
0.5
uA
High
100
uA
ESD
Human Body Model
1000
V
Pin-GND
Charge Device Model
1000
V
JESD22-C101
Case Temperature
-10
+70
°C
Full Performance
Extreme Case Temperature
-40
+85
°C
Reduced Performance
Note 1: The PA must operate with gated bias voltage input at 1% to 99% duty cycle.
Note 2: No external matching components.
Note 3: The output power for channels 1 and 11 may be reduced to meet FCC restricted band requirements.
Mode
C_TX
C_RX
C_BT
VREG
TX Mode
High
Low
Low
High
RX Mode
Low
High
Low
Low
BT Mode
Low
Low
High
Low
Simultaneous
Low
High
High
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com