Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5506 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5506
Description  5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5506 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5506 Datasheet HTML 1Page - RF Micro Devices RF5506 Datasheet HTML 2Page - RF Micro Devices RF5506 Datasheet HTML 3Page - RF Micro Devices RF5506 Datasheet HTML 4Page - RF Micro Devices RF5506 Datasheet HTML 5Page - RF Micro Devices RF5506 Datasheet HTML 6Page - RF Micro Devices RF5506 Datasheet HTML 7Page - RF Micro Devices RF5506 Datasheet HTML 8Page - RF Micro Devices RF5506 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
GND
GND
GND
PDET
ANT
HB TX
HB RX
GND
4
3
2
1
16
15
14
13
12
11
10
9
8
7
6
5
LNA
PA
SP2T
Coupler
Detector
2fo filter
RF5506
5.15GHz TO 5.85GHz 802.11a/n
FRONT END MODULE
The RF5506 provides a complete integrated solution in a single Front-End Module
(FEM) for WiFi 802.11a systems. The ultra small form factor and integrated match-
ing minimizes the layout in the customer's application and greatly reduces the num-
ber of external components to only one bypass capacitor for supply decoupling. This
simplifies the total Front End solution by reducing the bill of materials, system foot-
print, and manufacturability cost. The RF5506 integrates Power Amplifier (PA), Low
Noise Amplifier (LNA), and a power detector coupler for improved accuracy. The
device is provided in a 3mmx3mmx0.5mm, 16-pin package. This module meets or
exceeds the RF Front End needs of IEEE 802.11a WiFi RF systems.
Features
Single Supply Voltage 3.0V to
4.8V
Integrated 5GHz Amplifier,
LNA, and SPT2T TX/RX Switch
POUT=15.5dBm, 11a, OFDM
at 2.5% EVM
Low Height Package, Suited
for SiP and CoB Designs
Applications
Cellular handsets
Mobile devices
Tablets
Consumer electronics
Gaming
Netbooks/Notebooks
TV/monitors/video
RF5506SB
Standard 5 Piece Bag
RF5506
Standard 25 Piece Bag
RF5506SR
Standard 100 Piece Bag
RF5506TR7
Standard 2500 Piece Reel
RF5506PCK-410
Fully Assembled Evaluation Board and 5 Loose Sample
Pieces
DS120326
Package Style: QFN, 16-pin, 3.0mmx3.0mmx0.5mm


Similar Part No. - RF5506

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF5506 QORVO-RF5506 Datasheet
966Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
RF5506PCK-410 QORVO-RF5506PCK-410 Datasheet
966Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
RF5506SB QORVO-RF5506SB Datasheet
966Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
RF5506SR QORVO-RF5506SR Datasheet
966Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
RF5506TR7 QORVO-RF5506TR7 Datasheet
966Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
More results

Similar Description - RF5506

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5516 RFMD-RF5516 Datasheet
832Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
RFFM4503 RFMD-RFFM4503 Datasheet
354Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
RF5506 QORVO-RF5506 Datasheet
966Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com