Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP30 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # TIP30
Description  SILICON PNP POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

TIP30 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  TIP30 Datasheet HTML 1Page - Central Semiconductor Corp TIP30 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL TIP30
TIP30A TIP30B TIP30C
UNITS
Collector-Base Voltage
VCBO
40
60
80
100
V
Collector-Emitter Voltage
VCEO
40
60
80
100
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
1.0
A
Peak Collector Current
ICM
3.0
A
Continuous Base Current
IB
0.4
A
Power Dissipation
PD
30
W
Power Dissipation (TA=25°C)
PD
2.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICEO
VCE=30V (TIP30, TIP30A)
0.3
mA
ICEO
VCE=60V (TIP30B, TIP30C)
0.3
mA
ICES
VCE=Rated VCEO
0.2
mA
IEBO
VEB=5.0V
1.0
mA
BVCEO
IC=30mA (TIP30)
40
V
BVCEO
IC=30mA (TIP30A)
60
V
BVCEO
IC=30mA (TIP30B)
80
V
BVCEO
IC=30mA (TIP30C)
100
V
VCE(SAT)
IC=1.0A, IB=125mA
0.7
V
VBE(ON)
VCE=4.0V, IC=1.0A
1.3
V
hFE
VCE=4.0V, IC=0.2A
40
hFE
VCE=4.0V, IC=1.0A
15
75
hfe
VCE=10V, IC=0.2A, f=1.0kHz
20
fT
VCE=10V, IC=0.2A, f=1.0MHz
3.0
MHz
ton
IC=1.0A, IB1= IB2=0.1A, RL=30Ω
0.3
μs
toff
IC=1.0A, IB1= IB2=0.1A, RL=30Ω
1.0
μs
TIP30
TIP30A
TIP30B
TIP30C
SILICON
PNP POWER TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR TIP30 series devices
are silicon PNP epitaxial-base power transistors designed
for power amplifier and high speed switching applications.
MARKING: FULL PART NUMBER
TO-220 CASE
R1 (12-March 2014)
www.centr a lsemi.com


Similar Part No. - TIP30

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP30 MOSPEC-TIP30 Datasheet
145Kb / 3P
POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Power Innovations Ltd
TIP30 POINN-TIP30 Datasheet
85Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
TIP30 FAIRCHILD-TIP30 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
logo
Micro Electronics
TIP30 MICRO-ELECTRONICS-TIP30 Datasheet
56Kb / 1P
COMPLEMENTARY SILICON EPITAXIAL-BASE POWER TRANSISTORS
logo
List of Unclassifed Man...
TIP30 ETC2-TIP30 Datasheet
335Kb / 6P
High Power Bipolar Transistor
More results

Similar Description - TIP30

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com