Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5540SB Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5540SB
Description  4.9GHz TO 5.85GHz SWITCH AND LNA FRONT END SOLUTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5540SB Datasheet(HTML) 1 Page - RF Micro Devices

  RF5540SB Datasheet HTML 1Page - RF Micro Devices RF5540SB Datasheet HTML 2Page - RF Micro Devices RF5540SB Datasheet HTML 3Page - RF Micro Devices RF5540SB Datasheet HTML 4Page - RF Micro Devices RF5540SB Datasheet HTML 5Page - RF Micro Devices RF5540SB Datasheet HTML 6Page - RF Micro Devices RF5540SB Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1 of 7
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
1
2
3
9
8
7
6
5
4
12
GND
NC
RX_Out
ANT
10
11
GND
NC
RF5540
4.9GHz TO 5.85GHz SWITCH AND LNA FRONT
END SOLUTION
The RF5540 is designed specifically for high-performance WiFi applications in the
5GHz ISM band. This module integrates the LNA with bypass and an SPDT switch of
a Front End solution. The integrated input and output match reduces the number of
external components keeping cost down and utilizing minimum layout area for
implementation. The RF5540 is provided in a 2mmx2mmx0.5mm, 12-pin QFN
package. This LNA + Switch front-end solution meets or exceeds the specification
requirements of IEEE 802.11a RF systems.
Features
Single Supply Voltage 2.7V to
4.8V
Integrated 5GHz LNA With
Bypass and SPDT
Applications
IEEE802.11a WiFi Applications
Consumer Electronics
Mobile Devices
Gaming
General Purpose Switch and LNA
Solution for 4.9GHz to 5.85GHz
Frequency Range
DS130128
Package: QFN, 12-Pin, 2.0mmx2.0mmx0.5mm
RF5540
4.9GHz to
5.85GHz
Switch and
LNA Front End
Solution
RF5540SB
5-Piece Bag
RF5540SQ
25-Piece Bag
RF5540SR
Standard 100-Piece Bag
RF5540TR7
Standard 2500-Piece Reel
RF5540PCK-410
Fully Assembled Evaluation Board and 5 Loose
Sample Pieces


Similar Part No. - RF5540SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF5540SB QORVO-RF5540SB Datasheet
594Kb / 7P
4.9GHz TO 5.85GHz SWITCH AND LNA FRONT END SOLUTION
More results

Similar Description - RF5540SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5501 RFMD-RF5501 Datasheet
2Mb / 10P
3.3 V, SWITCH AND LNA FRONT END SOLUTION
RF5611 RFMD-RF5611 Datasheet
456Kb / 10P
3.3V, SWITCH AND LNA FRONT END SOLUTION
RFFM5541 RFMD-RFFM5541 Datasheet
152Kb / 7P
4.9GHz to 5.85GHz Switch and LNA Front End Solution
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
RF5540 QORVO-RF5540 Datasheet
594Kb / 7P
4.9GHz TO 5.85GHz SWITCH AND LNA FRONT END SOLUTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com