Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5565 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF5565
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5565 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF5565 Datasheet HTML 6Page - RF Micro Devices RF5565 Datasheet HTML 7Page - RF Micro Devices RF5565 Datasheet HTML 8Page - RF Micro Devices RF5565 Datasheet HTML 9Page - RF Micro Devices RF5565 Datasheet HTML 10Page - RF Micro Devices RF5565 Datasheet HTML 11Page - RF Micro Devices RF5565 Datasheet HTML 12Page - RF Micro Devices RF5565 Datasheet HTML 13Page - RF Micro Devices RF5565 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12 of 14
RF5565
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF5565 WiFi Transmit Performance Plots
0
2
4
6
8
10
12
0.23
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
RF5565: EVM versus Output Power at Temp= -10°C
(Vcc=3.3v; Vreg=3.1v)
2400MHz
2450MHz
2500MHz
0
2
4
6
8
10
12
0.19
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
RF5565: EVM versus Output Power at Temp=+25°C
(Vcc=3.3v; Vreg=3.1v)
2400MHz
2450MHz
2500MHz
0
2
4
6
8
10
12
14
0.75 1.5 2.5 3.5 4.5 5.5 6.5 7.5 8.5 9.5 10.5 11.5 12.5 13.5 14.5 15.5 16.5 17.5 18.5 19.5 20.5 21.5 22.5 23.34
Output Power (dBm)
RF5565: EVM versus Output Power at Temp=+70°C
(Vcc=3.3v; Vreg=3.1v)
2400MHz
2450MHz
2500MHz
20
22
24
26
28
30
32
34
0
2
4
6
8
10
12
14
0.23 1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
RF5565: EVM and GAIN versus Output Power versus Temperature
(Vcc=3.3v; Vreg=3.1v; Freq=2450MHz)
-10C
+25C
+70C
20
22
24
26
28
30
32
34
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.23 1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23
Output Power (dBm)
RF5565: Opera ng Current and GAIN versus Output Power versus Temperature
(Vcc=3.3v; Vreg=3.1v; Freq=2450MHz)
-10C
+25C
+70C
-0.001
5E-18
0.001
0.002
0.003
0.004
0.005
0.23 1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
RF5565: Ireg Current versus Output Power versus Temperature
(Vcc=3.3v; Vreg=3.1v; Freq=2450MHz)
-10C
+25C
+70C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com