Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5603 Datasheet(PDF) 17 Page - RF Micro Devices

Part # RF5603
Description  3.0V TO 5.0V, 3.3GHz TO 3.8GHz LINEAR POWER AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5603 Datasheet(HTML) 17 Page - RF Micro Devices

Back Button RF5603 Datasheet HTML 13Page - RF Micro Devices RF5603 Datasheet HTML 14Page - RF Micro Devices RF5603 Datasheet HTML 15Page - RF Micro Devices RF5603 Datasheet HTML 16Page - RF Micro Devices RF5603 Datasheet HTML 17Page - RF Micro Devices RF5603 Datasheet HTML 18Page - RF Micro Devices RF5603 Datasheet HTML 19Page - RF Micro Devices RF5603 Datasheet HTML 20Page - RF Micro Devices RF5603 Datasheet HTML 21Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17 of 24
RF5603
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
3.3GHz to 3.6GHz
32.5
33.0
33.5
34.0
34.5
35.0
35.5
36.0
36.5
37.0
37.5
0
5
10
15
20
25
Gain
(dB)
Output Power (dBm)
Gain(dB) versus POUT(dBm)
-40°C
VCC=3.3VDC VREG=2.85VDC
3300MHz
3400MHz
3500MHz
3600MHz
30.0
30.5
31.0
31.5
32.0
32.5
33.0
33.5
34.0
34.5
35.0
0.0
5.0
10.0
15.0
20.0
25.0
Gain
(dB)
Output Power (dBm)
Gain(dB) versus POUT(dBm)
25°C
VCC=3.3VDC VREG=2.85VDC
3300MHz
3400MHz
3500MHz
3600MHz
28.0
28.5
29.0
29.5
30.0
30.5
31.0
31.5
32.0
32.5
33.0
0
5
10
15
20
25
Gain
(dB)
Output Power (dBm)
Gain(dB) versus POUT(dBm)
85° C
VCC=3.3VDC VREG=2.85VDC
3300MHz
3400MHz
3500MHz
3600MHz
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
5
10
15
20
25
PDET
(V)
Output Power (dBm)
Power Detect (V) versus POUT(dBm)
-40°C
VCC=3.3VDC VREG=2.85VDC
3300MHz
3400MHz
3500MHz
3600MHz
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
5
10
15
20
25
PDET (V)
Output Power (dBm)
Power Detect (V) versus POUT(dBm)
25°C
VCC=3.3VDC VREG=2.85VDC
3300MHz
3400MHz
3500MHz
3600MHz
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
5
10
15
20
25
PDET (V)
Output Power (dBm)
Power Detect (V) versus POUT(dBm)
85°C
VCC=3.3VDC VREG=2.85VDC
3300MHz
3400MHz
3500MHz
3600MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com