Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5604SB Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5604SB
Description  5V, 475MHZ TO 625MHZ FEM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5604SB Datasheet(HTML) 4 Page - RF Micro Devices

  RF5604SB Datasheet HTML 1Page - RF Micro Devices RF5604SB Datasheet HTML 2Page - RF Micro Devices RF5604SB Datasheet HTML 3Page - RF Micro Devices RF5604SB Datasheet HTML 4Page - RF Micro Devices RF5604SB Datasheet HTML 5Page - RF Micro Devices RF5604SB Datasheet HTML 6Page - RF Micro Devices RF5604SB Datasheet HTML 7Page - RF Micro Devices RF5604SB Datasheet HTML 8Page - RF Micro Devices RF5604SB Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 of 9
RF5604
DS120127
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
1GND
Ground connection.
2RX OUT
RF output, internally matched to 50
 and DC blocked.
3GND
Ground connection.
4GND
Ground connection.
5TX IN
RF input, internally matched to 50
.
6GND
Ground connection.
7GND
Ground connection.
8
VDD3
Voltage supply for PA.
9GND
Ground connection.
10
C_TR
Control voltage for 1-bit switch between transmit and receive RF paths.
11
GND
Ground connection.
12
GND
Ground connection.
13
RF I/O
RF INPUT/OUTPUT, matched to 50
 and DC blocked
14
GND
Ground connection.
15
C_PD
Bias voltage for PA regulator.
16
GND
Ground connection.
17
VDD2
Voltage supply for switch/regulator.
18
C_ATT
Control voltage for 1-bit attenuator between receive modes 1 and 2.
19
GND
Ground connection.
20
VDD1
Voltage supply for attenuator.
21
GND
Ground connection. The back side of the package should be connected to the ground plane through as short a
connection as possible, e.g., PCB vias under the device are recommended.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com