Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5616 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF5616
Description  3.0V TO 5.0V, 5GHz LINEAR POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5616 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF5616 Datasheet HTML 5Page - RF Micro Devices RF5616 Datasheet HTML 6Page - RF Micro Devices RF5616 Datasheet HTML 7Page - RF Micro Devices RF5616 Datasheet HTML 8Page - RF Micro Devices RF5616 Datasheet HTML 9Page - RF Micro Devices RF5616 Datasheet HTML 10Page - RF Micro Devices RF5616 Datasheet HTML 11Page - RF Micro Devices RF5616 Datasheet HTML 12Page - RF Micro Devices RF5616 Datasheet HTML 13Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10 of 13
RF5616
DS130516
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
12
14
16
18
20
22
EVM(%)
POUT (dBm)
Typical EVM versus POUT
(VCC = 3.3V, VREG = 2.85V)
4900 MHz
5400 MHz
5850 MHz
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
12
14
16
18
20
22
EVM (%)
POUT (dBm)
Typical EVM versus POUT over Temperature -40 T0 +85C
(VCC = 3.3V, VREG = 2.85V)
5400 MHz -40C
5400 MHz -10C
5400MHz 25C
5400 MHz +70C
5400 MHz +85C
10
12
14
16
18
20
22
24
26
28
30
32
34
0
2
4
6
8
10
12
14
16
18
20
22
Gain (dB)
POUT (dBm)
Typical Gain versus POUT
(VCC = 3.3V, VREG = 2.85V)
4900 MHz
5400 MHz
5850 MHz
10
12
14
16
18
20
22
24
26
28
30
32
34
36
0
2
4
6
8
10
12
14
16
18
20
22
Gain (dB)
POUT (dBm)
Typical Gain @ 5400MHz versus P OUT over Temp(-40 to +85C)
(VCC = 3.3V, V REG = 2.85V)
5400MHz -40C
5400 MHz-10C
5400MHz 25C
5400MHz +70C
5400 MHz +85C
0.10
0.13
0.15
0.18
0.20
0.23
0.25
0.28
0.30
0
2
4
6
8
10
12
14
16
18
20
22
ICC (A)
POUT (dBm)
Typical ICC versus POUT
(VCC = 3.3V, VREG = 2.85V)
4900 MHz
5400 MHz
5850 MHz
0.10
0.13
0.15
0.18
0.20
0.23
0.25
0.28
0.30
0
2
4
6
8
10
12
14
16
18
20
22
ICC (A)
POUT (dBm)
Typical ICC versus POUT over Temp ( -40 to +85C)
(VCC = 3.3V, VREG = 2.85V)
5400 MHz -40C
5400MHz -10C
5400 MHz 25C
5400 MHz +70C
5400 MHz +85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com