Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5652SB Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF5652SB
Description  5.0V, 2.4GHz TO 2.7GHz HIGH POWER AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5652SB Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF5652SB Datasheet HTML 6Page - RF Micro Devices RF5652SB Datasheet HTML 7Page - RF Micro Devices RF5652SB Datasheet HTML 8Page - RF Micro Devices RF5652SB Datasheet HTML 9Page - RF Micro Devices RF5652SB Datasheet HTML 10Page - RF Micro Devices RF5652SB Datasheet HTML 11Page - RF Micro Devices RF5652SB Datasheet HTML 12Page - RF Micro Devices RF5652SB Datasheet HTML 13Page - RF Micro Devices RF5652SB Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10 of 21
RF5652
DS120125
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
WLAN Evaluation Board BOM
Description
Qty
Reference
Designator
Manufacturer
Manufacturer's P/N
CAP, 10uF, 10%, 10V, X5R, 0805
1
C17
Murata Electronics
GRM21BR61A106KE19L
CAP, 6.8pF, 5%, 50V, C0G, 0402
1
C16
Murata Electronics
GJM1555C1H6R8CB01E
CAP, 680pF, 5%, 50V, C0G, 0402
2
C5, C6
Murata Electronics
GRM1555C1H681JZ01D
CAP, 330pF, 10%, 50V, X7R, 0402
1
C7
Murata Electronics
GRM155R71H331KA01E
CAP, 1uF, 10%, 10V, X5R, 0402
2
C11, C15
Murata Electronics
GRM155R61A105KE15D
CAP, 4.7pF, +/-0.25pF, 50V, HI-Q, 0402
2
C12, C13
Murata Electronics
GJM1555C1H4R7CB01E
CAP, 0.7pF, +/-0.25pF, 50V, HI-Q, 0402
2
C2, C10
Murata Electronics
GRM1555C1HR70BZ01D
CAP, 1.5pF, +/-0.25pF, 50V, HI-Q, 0402
1
C8 - 105mils from QFN edge Murata Electronics
GJM1555C1H1R5CB01E
CAP, 3.9pF, +/-0.25pF, 50V, HI-Q, 0402
1
C19 - 45mils from QFN edge Murata Electronics
GRM1555C1H3R9CZ01E
CAP, 2.7pF, +/-0.25pF, 50V, HI-Q, 0402
1
C9
Murata Electronics
GRM1555C1H2R7CZ01E
RES, 360 OHM, 5%, 1/16W, 0402
1
R1
Kamaya, Inc
RMC1/16S-361JTH
RES, 110 OHM, 5%, 1/16W, 0402
1
R2
Panasonic Industrial Co
ERJ-2GEJ111X
RES, 22 OHM, 5%, 1/16W, 0402
3
R3, R4, R5
Kamaya, Inc
RMC1/16S-220JTH
RES, 20 KOHM, 5%, 1/16W, 0402
1
R6
KOA Speer Electronics, Inc.
RK73H1ETP2002F
IND, 3.9nH, 5%, WW, 0603
1
L6
Coilcraft
0603HC-3N9XJLW
RES, 0 OHM, 0402
2
R7, R8
Kamaya, Inc
RMC1/16SJPTH
IND, 3.9nH, +/-0.3nH, M/L, 0402
2
L3, L7
Murata Electronics
LQP15MN3N9B02D
DNI
4
C1, C3, C4, C14
RF5652 5x5mm, QFN32
1
U1
RFMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com