Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP2104LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP2104LP
Description  P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2104LP Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP2104LP_15 Datasheet HTML 1Page - Diodes Incorporated DMP2104LP_15 Datasheet HTML 2Page - Diodes Incorporated DMP2104LP_15 Datasheet HTML 3Page - Diodes Incorporated DMP2104LP_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DMP2104LP
Document number: DS31091 Rev. 6 - 2
1 of 4
www.diodes.com
November 2007
© Diodes Incorporated
DMP2104LP
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Features
•
P-Channel MOSFET
•
Very Low On-Resistance
•
Very Low Gate Threshold Voltage
•
Low Input Capacitance
•
Fast Switching Speed
•
Low Input/Output Leakage
•
Ultra-Small Surface Mount Package
•
Lead Free By Design/RoHS Compliant (Note 2)
•
"Green" Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: DFN1411-3
•
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminal Connections: See Diagram
•
Terminals: Finish - NiPdAu over Copper lead frame.
Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.003 grams (approximate)
DFN1411-3
D
S
G
TOP VIEW
Maximum Ratings @TA = 25°C unless otherwise specified
Internal Schematic
TOP VIEW
BOTTOM VIEW
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 1)
TA = 25°C
TA = 70°C
ID
-1.5
-1.2
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Power Dissipation (Note 1)
PD
500
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
250
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Drain-Source Breakdown Voltage
BVDSS
-20
⎯
⎯
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
TJ = 25°C
TJ = 125°C
IDSS
⎯
⎯
-1.0
-5.0
μA
VDS = -20V, VGS = 0V
Gate-Source Leakage
IGSS
⎯
⎯
±100
nA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(th)
-0.45
⎯
-1.0
V
VDS = VGS, ID = -250μA
VGS = -4.5V, ID = -950mA
VGS = -2.5V, ID = -670mA
Static Drain-Source On-Resistance
RDS (ON)
⎯
92
134
180
150
200
240
m
Ω
VGS = -1.8V, ID = -200mA
Forward Transconductance
gFS
⎯
3.1
⎯
S
VDS = -10V, ID = -810mA
Diode Forward Voltage (Note 4)
VSD
⎯
⎯
-0.9
V
VGS = 0V, IS = -360mA
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
320
⎯
pF
Output Capacitance
Coss
⎯
80
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
60
⎯
pF
VDS = -16V, VGS = 0V
f = 1.0MHz
Notes:
1. Device mounted on FR-4 PCB with 1 inch square pads.
2. No purposefully added lead.
3. Diodes Inc.’s “Green” policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
4. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - DMP2104LP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2104LP DIODES-DMP2104LP Datasheet
311Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS31091 Rev. 6 - 2
More results

Similar Description - DMP2104LP_15

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com