Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5745SR Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5745SR
Description  2.4GHz TO 2.5GHz, 802.11b/g/n SINGLE-BAND FRONT END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5745SR Datasheet(HTML) 1 Page - RF Micro Devices

  RF5745SR Datasheet HTML 1Page - RF Micro Devices RF5745SR Datasheet HTML 2Page - RF Micro Devices RF5745SR Datasheet HTML 3Page - RF Micro Devices RF5745SR Datasheet HTML 4Page - RF Micro Devices RF5745SR Datasheet HTML 5Page - RF Micro Devices RF5745SR Datasheet HTML 6Page - RF Micro Devices RF5745SR Datasheet HTML 7Page - RF Micro Devices RF5745SR Datasheet HTML 8Page - RF Micro Devices RF5745SR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
LNA VCC
RX OUT
TX IN
VREG
VCC
GND
ANT
C BT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SP3T
2F0 Filter
RF5745
2.4GHz TO 2.5GHz, 802.11b/g/n
SINGLE-BAND FRONT END MODULE
The RF5745 is a single-chip integrated front-end module (FEM) for high-
performance ZigBee® and other WiFi applications in the 2.4GHz to
2.5GHz ISM band. The FEM addresses the need for aggressive size reduc-
tion for a typical IEEE802.15.4 and IEEE802.11b/g systems.
The RF5745 greatly reduces the number of external components by inte-
grating all matching networks. The FEM has an integrated power amplifier,
LNA, power detector, and some TX filtering. It is also capable of switching
between WiFi RX, WiFi TX and BluetoothTM RX/TX operations. The device is
provided in a 3mmx3mmx0.45mm, 16-pin QFN package. This module
meets or exceeds the front-end system requirements for and WiFi applica-
tions.
Features
Single Module Radio Front-
End
Single Supply Voltage 3.0V to
4.5V
Integrated 2.4GHz to 2.5GHz
PA, LNA, TX/RX Switch,
PDETECT
24dBm Output Power for
Zigbee® Applications
20dBm Output Power for 11b
Meeting Spectral Mask
17dBm Output Power for 11g,
54Mbps OFDM at <3% EVM
Applications
ZigBee® Based Systems for
Remote Monitoring and
Control
Smart Meters for Energy
Management
802.11b/g WiFi
Applications
2.5GHz ISM Band
Applications
Portable Battery-Powered
Equipment
Opt. BluetoothTM Sharing of
Single Antenna Port
RF5745
Standard 25 piece bag
RF5745SR
Standard 100 piece reel
RF5745TR7
Standard 2500 piece reel
RF5745PCK-410
Fully assembled evaluation board tuned for 2.4GHz to
2.5GHz and 5 piece loose samples
DS120214
Package Style: QFN, 16-pin, 3.0 x 3.0 x 0.5 mm


Similar Part No. - RF5745SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5722 RFMD-RF5722 Datasheet
599Kb / 10P
3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5722PCK-410 RFMD-RF5722PCK-410 Datasheet
599Kb / 10P
3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5722SR RFMD-RF5722SR Datasheet
599Kb / 10P
3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5722TR7 RFMD-RF5722TR7 Datasheet
599Kb / 10P
3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5725 RFMD-RF5725 Datasheet
453Kb / 11P
2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
More results

Similar Description - RF5745SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5345 RFMD-RF5345 Datasheet
597Kb / 20P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5365 RFMD-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5565 RFMD-RF5565 Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5765 RFMD-RF5765 Datasheet
1Mb / 14P
2.4GHz to 2.5GHz 802.11b/g/n WiFi FRONT-END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com