Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5745TR7 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5745TR7
Description  2.4GHz TO 2.5GHz, 802.11b/g/n SINGLE-BAND FRONT END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5745TR7 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5745TR7 Datasheet HTML 1Page - RF Micro Devices RF5745TR7 Datasheet HTML 2Page - RF Micro Devices RF5745TR7 Datasheet HTML 3Page - RF Micro Devices RF5745TR7 Datasheet HTML 4Page - RF Micro Devices RF5745TR7 Datasheet HTML 5Page - RF Micro Devices RF5745TR7 Datasheet HTML 6Page - RF Micro Devices RF5745TR7 Datasheet HTML 7Page - RF Micro Devices RF5745TR7 Datasheet HTML 8Page - RF Micro Devices RF5745TR7 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 of 11
RF5745
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
5.0
V
DC Supply Current
240
mA
Full Specification Temp Range (Full
Spec. Compliant)
-15 to +65
°C
Extreme Operating
(Reduced Performance)
+65 to +85
-40 to -15
°C
Storage Temperature
-40 to +150
°C
Antenna Port Nominal
Impedance
50
Maximum TX Input Power
for 11b/g/IEEE802.15.4 (No
Damage)
+5
dBm
Moisture Sensitivity
MSL2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz Transmit Parameters
Compliance
IEEE802.11b, IEEE802.11g, IEEE802.15.4,
FCC CFG 15.247, .205, .209
Nominal Conditions
VCC=4.0V, VREG=2.85V pulsed at 1% to 100%
duty cycle, Temp=+25°C,
Freq=2.4GHz to 2.5GHz, unless otherwise
noted
Frequency
2.4
2.5
GHz
Output Power
ZigBee® (IEEE802.15.4)
24
dBm
Measured with ZigBee® Waveform
11g
15
17
dBm
At rated 11g power, over Temp range,
VCC=4.0V, VREG=2.85, over Frequency, and
over Process. 54Mbps, OFDM, 64QAM
IEEE802.11b
19
20
dBm
Measured at 1Mbps meeting ACP1/ACP2
requirements
EVM*
3.0
4.0
%
RMS, mean, POUT(g)=17dBm
Adjacent Channel Power
ACP1
-34
-30
dBc
At rated 11b power, over Temperature range,
over VCC, over Frequency, and over Process
ACP2
-53
-50
dBc
At rated 11b power, over Temperature range,
over VCC, over Frequency, and over Process
Gain
29
31
dB
Gain Variation
Frequency
-1
+1
dB
2.4GHz to 2.5GHz
*The EVM specification is obtained with a signal generator that has an EVM level <0.7%.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com