Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF6549SB Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF6549SB
Description  2.7V to 4.4V, 915MHz Transmit/Receive Module; Thru Mode 400MHz to 928MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6549SB Datasheet(HTML) 1 Page - RF Micro Devices

  RF6549SB Datasheet HTML 1Page - RF Micro Devices RF6549SB Datasheet HTML 2Page - RF Micro Devices RF6549SB Datasheet HTML 3Page - RF Micro Devices RF6549SB Datasheet HTML 4Page - RF Micro Devices RF6549SB Datasheet HTML 5Page - RF Micro Devices RF6549SB Datasheet HTML 6Page - RF Micro Devices RF6549SB Datasheet HTML 7Page - RF Micro Devices RF6549SB Datasheet HTML 8Page - RF Micro Devices RF6549SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
LPF
PA1
32
CTL
LOGIC
GND
GND
GND
GND
CTL1
CTL2
CTL3
CTL4
GND
PA_ VCC1
PA_ VCC2
ANT1
ANT2
868/915 RFIO
LNA
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
TX
RX
SW2
GND
450 RFIO
SAW
BPF
TX
SAW
BPF
RX
N/C
SAW
BPF
TX
RF6549
2.7V to 4.4V, 915MHz Transmit/Receive
Module; Thru Mode 400MHz to 928MHz
This module is intended for 915MHz AMR solutions. It provides separate ports for
Rx and Tx paths and two ports on the output for connecting a diversity solution or a
test port. The PA section provides a nominal output power of 28dBm. The device is
provided in a 6mm x 6mm, 32-pin package.
Features
Tx Output Power: 27dBm
Single 50
 Bi-directional
Transceiver Interface
Thru Path Insertion Loss: 1dB
Antenna Diversity Switch
LNA with Bypass mode
Applications
Wireless Automated Metering
Wireless Alarm Systems
Portable Battery Powered
Equipment
Smart Energy
868MHz/900MHz ISM Band
Application
450MHz Rx Thru Path
Single Chip RF Front End Module
DS121212
Package: LGA, 32-Pin, 6mm x 6mm
RF65492.7V
to 4.4V,
915MHz
Trans-
mit/Receive
Module; Thru
Mode 400MHz
to 928MHz
RF6549
ISM Band Transmit/Receive Module w/ Diversity Antenna Switch
RF6549PCK-410
Fully Assembled Evaluation Board and 5 loose pieces
RF6549SB
5-Piece Bag
RF6549SQ
25-Piece Bag
RF6549SR
100-Piece Reel
RF6549TR7
Standard 750-Piece Reel
RF6549TR13
Standard 2500-Piece Reel


Similar Part No. - RF6549SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF6549SB QORVO-RF6549SB Datasheet
929Kb / 10P
2.7V to 4.4V, 915MHz Transmit/Receive Module; Thru Mode 400MHz to 928MHz
More results

Similar Description - RF6549SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6519 RFMD-RF6519 Datasheet
442Kb / 8P
3.3V TO 5.0V, 915MHz TRANSMIT/RECEIVE MODULE
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
RF6569 RFMD-RF6569 Datasheet
643Kb / 8P
3.1V TO 4.0V, 915MHz TRANSMIT/RECEIVE MODULE
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
915MHz Transmit/Receive Module
RF6935 RFMD-RF6935 Datasheet
681Kb / 9P
3.3V TO 4.0V,915MHz Transmit/Receive Module
RFFM6906 RFMD-RFFM6906 Datasheet
194Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RFFM6907 RFMD-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RF6549 QORVO-RF6549 Datasheet
929Kb / 10P
2.7V to 4.4V, 915MHz Transmit/Receive Module; Thru Mode 400MHz to 928MHz
RFFM6907 QORVO-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
RFFM6906 QORVO-RFFM6906 Datasheet
384Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com