Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF6555SR Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF6555SR
Description  2.0V TO 3.6V, 2.4GHz FRONT END MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6555SR Datasheet(HTML) 2 Page - RF Micro Devices

  RF6555SR Datasheet HTML 1Page - RF Micro Devices RF6555SR Datasheet HTML 2Page - RF Micro Devices RF6555SR Datasheet HTML 3Page - RF Micro Devices RF6555SR Datasheet HTML 4Page - RF Micro Devices RF6555SR Datasheet HTML 5Page - RF Micro Devices RF6555SR Datasheet HTML 6Page - RF Micro Devices RF6555SR Datasheet HTML 7Page - RF Micro Devices RF6555SR Datasheet HTML 8Page - RF Micro Devices RF6555SR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Revision DS20150615
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
2 of 10
RF6555
RFMD + TriQuint = Qorvo
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
5.0
V
DC Supply Current
150
mA
Operating Case Temperature
-40 to +85
ºC
Storage Temperature
-40 to +150
ºC
ESD Human Body Model RF Pins
1000
V
ESD Human Body Model All Other Pins
500
V
ESD Charge Device Model All Pins
500
V
Moisture Sensitivity Level
MSL 2
Maximum Tx Input Power
+5
dBm
Maximum Rx Input Power
+8
dBm
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Parameter
VBATT
2.0
3.0
3.6
VDC
Operating Temperature Range
-40
+25
+85
ºC
ZO
50
Ω
Off Mode Current
0.05
1.0
µA
All logic low, Temp = 25°C; Over Voltage.
Storage Temperature
-40
+150
°C
ESD, HBM
1000
V
RF pins
ESD, HBM
500
V
All other pins
ESD, CDM
500
V
All pins
MSL
MSL3
Current Sourced through CT Pin
18
mA
Voltage Drop from CT Pin to RXP/RXN
0.1
V
Tx Path
Frequency
2405
2480
MHz
Input Return Loss
10
dB
Pins 5, 6 (RFM, RFP) 100Ω differential
Output Return Loss
10
dB
Gain
22
25
dB
2.7V to 3.6V
21
dB
VCC=2.0V; Temp=25
oC
Gain Flatness
-0.8
+0.8
dB
Rated Output Power
20
dBm
Nominal conditions (VB=3.3 to 3.6, All Temp)
18
dBm
Nominal conditions (VB=3.0 to 3.3, All Temp)
16
dBm
Nominal conditions (VB=2.7, All Temp)
14
dBm
Nominal conditions (VB=2.0, All Temp)
Saturated Output Power
22
dBm
VB=3.6, Temp = 25C
20
dBm
VB=3.0, Temp = 25C
Supply Current
110
125
mA
PO =21dBm 802.15.4 OQPSK (VB=3.6, All Temp)
105
120
mA
PO =20dBm 802.15.4 OQPSK (VB=3.0, All Temp)
70
95
mA
PO =18dBm 802.15.4 OQPSK (VB=3.0, All Temp)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com