Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF7222 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF7222
Description  3V W-CDMA BAND 2 LINEAR PA MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7222 Datasheet(HTML) 5 Page - RF Micro Devices

  RF7222 Datasheet HTML 1Page - RF Micro Devices RF7222 Datasheet HTML 2Page - RF Micro Devices RF7222 Datasheet HTML 3Page - RF Micro Devices RF7222 Datasheet HTML 4Page - RF Micro Devices RF7222 Datasheet HTML 5Page - RF Micro Devices RF7222 Datasheet HTML 6Page - RF Micro Devices RF7222 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5 of 7
RF7222
Prelim DS110228
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Preliminary Application Schematic
VBAT
VMODE1
VMODE0
VEN
C112
10nF
C102
10nF
C92
10nF
C72
10nF
C5
4.7uF
VCC
C82
10nF
C6
4.7uF
C4
22uF
Notes:
1. Place these capacitors as close to PA as possible.
2. 50
 resistor will be removed if pin 8 is connected to another coupler. Coupler Directivity can be improved with R2 = 33
J2
RF OUT
J3
CPL OUT
J1
RF IN
Bias Control &
PA/VMODE Enable
5
4
1
2
3
6
7
10
9
8
R23
50



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com