Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF7234 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF7234
Description  3V TD-SCDMA/W-CDMA LINEAR PA MODULE BAND 1 AND 1880MHz TO 2025MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7234 Datasheet(HTML) 2 Page - RF Micro Devices

  RF7234 Datasheet HTML 1Page - RF Micro Devices RF7234 Datasheet HTML 2Page - RF Micro Devices RF7234 Datasheet HTML 3Page - RF Micro Devices RF7234 Datasheet HTML 4Page - RF Micro Devices RF7234 Datasheet HTML 5Page - RF Micro Devices RF7234 Datasheet HTML 6Page - RF Micro Devices RF7234 Datasheet HTML 7Page - RF Micro Devices RF7234 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
RF7234
DS100427
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage in Standby Mode
6.0
V
Supply Voltage in Idle Mode
6.0
V
Supply Voltage in Operating Mode,
50
 Load
6.0
V
Supply Voltage, VBAT
6.0
V
Control Voltage, VMODE0,
VMODE1
3.5
V
Control Voltage, VEN
3.5
V
RF - Input Power
+6
dBm
RF - Output Power
+30
dBm
Output Load VSWR (Ruggedness)
10:1
Operating Ambient Temperature
-30 to +110
°C
Storage Temperature
-55 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Recommended Operating
Conditions
T=25°C, VCC=VBATT=3.4V, VEN=1.8V, 50,
TD-SCDMA or W-CDMA-GTC1 Modulation,
unless otherwise specified.
Operating Frequency Range
1880
1920
MHz
TD-SCDMA
1920
1980
MHz
W-CDMA
2010
2025
Hz
TD-SCDMA
VBAT
+3.21
+3.4
+4.2
V
VCC
+3.21
+3.4
+4.2
V
VEN
0
0.5
V
PA disabled.
1.4
1.8
3.0
V
PA enabled.
VMODE0, VMODE1
0
0.5
V
Logic “low”.
1.4
1.8
3.0
V
Logic “high”.
POUT
Maximum Linear Output (HPM)
282
dBm
High Power Mode W-CDMA (HPM)
Maximum Linear Output
(HPM)
27.52
dBm
High Power Mode (HPM) TD-SCDMA
Maximum Linear Output
(MPM)
19.02
dBm
Medium Power Mode (MPM)
Maximum Linear Output
(LPM)
8.02
dBm
Low Power Mode (LPM)
Ambient Temperature
-25
+25
+85
°C
Notes:
1Minimum VCC for max POUT is indicated. VCC down to 0.5V may be used for backed-off power when using DC/DC converter to conserve battery
current.
2For operation at below VCC=3.4V, derate POUT by 1.0dB.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com