Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFCA3828 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFCA3828
Description  75廓 High Linearity pHEMT MMIC Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCA3828 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFCA3828 Datasheet HTML 4Page - RF Micro Devices RFCA3828 Datasheet HTML 5Page - RF Micro Devices RFCA3828 Datasheet HTML 6Page - RF Micro Devices RFCA3828 Datasheet HTML 7Page - RF Micro Devices RFCA3828 Datasheet HTML 8Page - RF Micro Devices RFCA3828 Datasheet HTML 9Page - RF Micro Devices RFCA3828 Datasheet HTML 10Page - RF Micro Devices RFCA3828 Datasheet HTML 11Page - RF Micro Devices RFCA3828 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140821
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
9 of 12
RFCA3828
Evaluation Board Bill of Materials (BOM) 50MHz to 1200MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
RFCA3828 Evaluation Board
Dynamic Details (DDI) Toronto
RFCA3828-410(A)
pHEMT CATV Amplifier
U1
RFMD
RFCA3828
CAP, 820pF, 5%, 50V, C0G, 0402
C1
Murata Electronics
GRM1555C1H821JA01
CAP, 0.6pF, +/-0.1pF, 50V, HI-Q, 0402
C2, C5
Murata Electronics
GRM1555C1HR60BB01D
CAP, 180pF, 5%, 50V C0G, 0402
C4
Murata Electronics
GRM1555C1H181JA01D
CAP, 1.0µF, 10%, 16V, X7R, 0603
C6
Murata Electronics
GRM188R61A105KA61D
CAP, 1000pF, 5%, 50V, C0G, 0603
C7
Murata Electronics
GRM1885CH1H102JA01
CAP, 100pF, 5%, 50V, C0G, 0603
C8
Murata Electronics
GRM1885C1H101JA01D
RES, 0
Ω, 0402 KAMAYA
R2, R5
Kamaya, Inc.
RMC1/16SJPTH
IND, 3.9nH, +/-0.1nH, T/F, 0402
L2
Coilcraft, Inc.
LQP15MN3N9B02D
IND, 6.2nH, +/-0.1nH, T/F, 0402
L3
Coilcraft, Inc.
LQG15MN6N2B02D
IND, 680nH, 5%, W/W, 0805
L4
Coilcraft, Inc.
0805LS-861XJLC
CONN, HDR, ST, PLRZD, 3-
PIN, 0.100”
P1
Samtec Inc.
TSW-102-07-G-S
CONN, F FEM EDGE MOUNT, 75
Ω,
0.068”
J1-J2
Millimeter Wave, LLC
MW-846-C-DD-75
HEATSINK BLOCK
Robert S. Wells
Heat Sink
SCREW, 2-
56 x 3/16”, SOCKET HEAD
S1-S5
McMaster-Carr Supply Co.
92196A076
DNP
C3, R1, R3-R4, R6, L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com