Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDA0016 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFDA0016
Description  DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0016 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFDA0016 Datasheet HTML 3Page - RF Micro Devices RFDA0016 Datasheet HTML 4Page - RF Micro Devices RFDA0016 Datasheet HTML 5Page - RF Micro Devices RFDA0016 Datasheet HTML 6Page - RF Micro Devices RFDA0016 Datasheet HTML 7Page - RF Micro Devices RFDA0016 Datasheet HTML 8Page - RF Micro Devices RFDA0016 Datasheet HTML 9Page - RF Micro Devices RFDA0016 Datasheet HTML 10Page - RF Micro Devices RFDA0016 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11 of 11
RFDA0016
DS100813
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
MCM 28-Pin, 6.0mmx6.0mm
Ordering Information
Ordering Code
Description
RFDA0016SQ
Sample bag with 25 pieces
RFDA0016SR
7” Reel with 100 pieces
RFDA0016TR7
7” Reel with 750 pieces
RFDA0016TR13
13” Reel with 2500 pieces
RFDA0016PCK-410
50MHz to 850MHz PCBA with 5-piece sample bag
 
Pin 1
Pin 1
- Top View -
RFDA0016
YYWW
TraceCode
6.00 sq
0.46
4.20 sq ref
2.10
2.10
0.10 4 plcs
0.40 ref
0.70 24 plcs
0.26
0.20
0.45 4 plcs
1.36
- Bottom View -
YYWW = Date Code, where YY=year, WW=week
Trace Code to be assigned by assembly SubCon



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com