Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDA0015TR13 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFDA0015TR13
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0015TR13 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFDA0015TR13 Datasheet HTML 2Page - RF Micro Devices RFDA0015TR13 Datasheet HTML 3Page - RF Micro Devices RFDA0015TR13 Datasheet HTML 4Page - RF Micro Devices RFDA0015TR13 Datasheet HTML 5Page - RF Micro Devices RFDA0015TR13 Datasheet HTML 6Page - RF Micro Devices RFDA0015TR13 Datasheet HTML 7Page - RF Micro Devices RFDA0015TR13 Datasheet HTML 8Page - RF Micro Devices RFDA0015TR13 Datasheet HTML 9Page - RF Micro Devices RFDA0015TR13 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6 of 10
RFDA0015
DS120817
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Truth Table
Control Bit
Relative Gain Setting
D5
16dB
D4
8dB
D3
4dB
D2
2dB
D1
1dB
D0
0.5dB
111
111
Max Gain
111
110
-0.5dB
111
101
-1dB
111
011
-2dB
110
111
-4dB
101
111
-8dB
011
111
-16dB
000
000
-31.5dB
0 =Low, VCTL=0 to 0.8VDC
1=High, VCTL=2.0 to VDD VDC
60
70
80
90
100
110
120
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Icc
(mA)
Vcc (V)
DCIV over Temperature, Max Gain
25C
-40C
85C
2
3
4
5
6
7
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
NF
(dB)
Frequency (GHz)
NF over Temperature, Max Gain
+25C
+85C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com