Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDA0026 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFDA0026
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0026 Datasheet(HTML) 5 Page - RF Micro Devices

  RFDA0026 Datasheet HTML 1Page - RF Micro Devices RFDA0026 Datasheet HTML 2Page - RF Micro Devices RFDA0026 Datasheet HTML 3Page - RF Micro Devices RFDA0026 Datasheet HTML 4Page - RF Micro Devices RFDA0026 Datasheet HTML 5Page - RF Micro Devices RFDA0026 Datasheet HTML 6Page - RF Micro Devices RFDA0026 Datasheet HTML 7Page - RF Micro Devices RFDA0026 Datasheet HTML 8Page - RF Micro Devices RFDA0026 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5 of 13
RFDA0026
DS120803
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance - 800MHz to 1035MHz Broadband Application Circuit
30
32
34
36
38
40
42
44
0.8
0.83
0.86
0.89
0.92
0.95
0.98
1.01
1.04
Frequency (GHz)
OIP3 Over Temperature, Max Gain
+25°C
-40°C
+85°C
30
32
34
36
38
40
42
44
0.80
0.83
0.86
0.89
0.92
0.95
0.98
1.01
1.04
Frequency (GHz)
OIP3 versus Frequency, Major Steps, 25 C
0dB
0.5dB
1dB
2dB
4dB
8dB
15.5dB
16dB
22.0
22.5
23.0
23.5
24.0
24.5
25.0
0.80
0.83
0.86
0.89
0.92
0.95
0.98
1.01
1.04
Frequency (GHz)
P1dB Over Temperature, Max Gain
+25°C
-40°C
+85°C
1
2
3
4
5
0.80
0.86
0.92
0.98
1.04
Frequency (GHz)
Noise Figure versus Frequency Over
Temperature
+25°C
-40°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com