Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDA0057 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFDA0057
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0057 Datasheet(HTML) 5 Page - RF Micro Devices

  RFDA0057 Datasheet HTML 1Page - RF Micro Devices RFDA0057 Datasheet HTML 2Page - RF Micro Devices RFDA0057 Datasheet HTML 3Page - RF Micro Devices RFDA0057 Datasheet HTML 4Page - RF Micro Devices RFDA0057 Datasheet HTML 5Page - RF Micro Devices RFDA0057 Datasheet HTML 6Page - RF Micro Devices RFDA0057 Datasheet HTML 7Page - RF Micro Devices RFDA0057 Datasheet HTML 8Page - RF Micro Devices RFDA0057 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5 of 11
RFDA0057
DS140513
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Broadband Performance VCC = 5.0V, ICC = 155mA
OIP3 versus Frequency Over Temperature
15
16
17
18
19
20
21
22
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
Frequency (GHz)
P1dB versus Frequency Over Temperature
-40C
25C
85C
Noise Figure versus Frequency Over Temperature
Isolation Channel 1-2 versus Frequency Over Temperature
Current versus Voltage Over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com