Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDA0056R13 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFDA0056R13
Description  Digital Controlled Variable Gain Amplifier 300MHz to 1100MHz, 6-Bit 0.5dB LSB Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0056R13 Datasheet(HTML) 4 Page - RF Micro Devices

  RFDA0056R13 Datasheet HTML 1Page - RF Micro Devices RFDA0056R13 Datasheet HTML 2Page - RF Micro Devices RFDA0056R13 Datasheet HTML 3Page - RF Micro Devices RFDA0056R13 Datasheet HTML 4Page - RF Micro Devices RFDA0056R13 Datasheet HTML 5Page - RF Micro Devices RFDA0056R13 Datasheet HTML 6Page - RF Micro Devices RFDA0056R13 Datasheet HTML 7Page - RF Micro Devices RFDA0056R13 Datasheet HTML 8Page - RF Micro Devices RFDA0056R13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 10
RFDA0056
DS120926
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance - 300MHz to 1100MHz Broadband Application Circuit
0
5
10
15
20
25
30
35
40
45
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Frequency (GHz)
Normalized Phase Error versus Frequency
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Frequency (GHz)
Bit Error versus Frequency
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-35
-30
-25
-20
-15
-10
-5
0
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Frequency (GHz)
Normalized Attenuation
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
23
23.5
24
24.5
25
25.5
0.35
0.50
0.65
0.80
0.95
1.10
Frequency (GHz)
P-1 versus Frequency
25
85
-40
34
36
38
40
42
44
46
48
0.35
0.50
0.65
0.80
0.95
1.10
Frequency (GHz)
Output IP3 versus Frequency
Per Tone +5dBm
25
85
-40
3.5
3.6
3.7
3.8
3.9
4
4.1
4.2
4.3
4.4
4.5
4.6
0.35
0.45
0.55
0.65
0.75
0.85
0.95
1.05
Frequency (GHz)
Noise Figure versus Frequency
25
85



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com