Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDA0066 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFDA0066
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 5MHz TO 1GHz, 12-BIT 0.5dB LSB CONTROL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0066 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFDA0066 Datasheet HTML 7Page - RF Micro Devices RFDA0066 Datasheet HTML 8Page - RF Micro Devices RFDA0066 Datasheet HTML 9Page - RF Micro Devices RFDA0066 Datasheet HTML 10Page - RF Micro Devices RFDA0066 Datasheet HTML 11Page - RF Micro Devices RFDA0066 Datasheet HTML 12Page - RF Micro Devices RFDA0066 Datasheet HTML 13Page - RF Micro Devices RFDA0066 Datasheet HTML 14Page - RF Micro Devices RFDA0066 Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11 of 18
RFDA0066
DS141218
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Description
Pin
Function
Description
1AMP1_IN
AMP1 Input
2DSA1_OUT
DSA1 Output
3ACG1
AC Ground Connection
4ACG2
AC Ground Connection
5ACG3
AC Ground Connection
6ACG4
AC Ground Connection
7DSA1_IN
DSA1 Input
8GND
RF/DC Ground Connection
9PUP
Power Up Programming pin
10
DATA
Serial Data Input
11
LE
Serial Latch Enable
12
CLK
Serial Clock Input
13
VDD
Supply Voltage for DSA and SPI Control
14
GND
RF/DC Ground Connection
15
AMP2_OUT
AMP2 OUT and Bias pin
16
GND
RF/DC Ground Connection
17
GND
RF/DC Ground Connection
18
AMP2_IN
AMP2 Input
19
DSA2_OUT
DSA2 Output
20
GND
RF/DC Ground Connection
21
ACG5
AC Ground Connection
22
ACG6
AC Ground Connection
23
ACG7
AC Ground Connection
24
ACG8
AC Ground Connection
25
DSA2_IN
DSA2 Input
26
AMP1_OUT
AMP1 Output and Bias pin
27
GND
RF/DC Ground Connection
28
GND
RF/DC Ground Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com