Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDA2026 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFDA2026
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1400MHz to 2700MHz, 6-BIT 0.5dB LSB CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2026 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RFDA2026 Datasheet HTML 4Page - RF Micro Devices RFDA2026 Datasheet HTML 5Page - RF Micro Devices RFDA2026 Datasheet HTML 6Page - RF Micro Devices RFDA2026 Datasheet HTML 7Page - RF Micro Devices RFDA2026 Datasheet HTML 8Page - RF Micro Devices RFDA2026 Datasheet HTML 9Page - RF Micro Devices RFDA2026 Datasheet HTML 10Page - RF Micro Devices RFDA2026 Datasheet HTML 11Page - RF Micro Devices RFDA2026 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8 of 16
RFDA2026
DS141020
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
2400MHz to 2700MHz Application Circuit Data
38
39
40
41
42
43
44
45
46
47
48
2.40
2.45
2.50
2.55
2.60
2.65
2.70
Frequency (GHz)
Output IP3 versus Frequency and Temperature
25°C
85°C
-40°C
22
23
24
25
26
27
28
2.40
2.45
2.50
2.55
2.60
2.65
2.70
Frequency (GHz)
Output P1dB versus Frequency
and Temperature
25°C
85°C
-40°C
4.09
4.10
4.11
4.12
4.13
4.14
4.15
4.16
4.17
4.18
4.19
2.4
2.5
2.6
2.7
Frequency (GHz)
Noise Figure versus Frequency at 0dB
Attenuation State
NF
-35
-30
-25
-20
-15
-10
-5
0
2.4
2.5
2.6
2.7
Frequency (GHz)
Input Return Loss Over Temperature
+25
°C
+85
°C
-40
°C
-50.0
-49.5
-49.0
-48.5
-48.0
-47.5
-47.0
-46.5
-46.0
-45.5
2.4
2.5
2.6
2.7
Frequency (GHz)
Isolation Over Temperature
+25
°C
+85
°C
-40
°C
-35
-30
-25
-20
-15
-10
-5
0
2.4
2.5
2.6
2.7
Frequency (GHz)
Output Return Loss Over Temperature
+25
°C
+85
°C
-40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com