Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDA0066TR13 Datasheet(PDF) 15 Page - RF Micro Devices

Part # RFDA0066TR13
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 5MHz TO 1GHz, 12-BIT 0.5dB LSB CONTROL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0066TR13 Datasheet(HTML) 15 Page - RF Micro Devices

Back Button RFDA0066TR13 Datasheet HTML 10Page - RF Micro Devices RFDA0066TR13 Datasheet HTML 11Page - RF Micro Devices RFDA0066TR13 Datasheet HTML 12Page - RF Micro Devices RFDA0066TR13 Datasheet HTML 13Page - RF Micro Devices RFDA0066TR13 Datasheet HTML 14Page - RF Micro Devices RFDA0066TR13 Datasheet HTML 15Page - RF Micro Devices RFDA0066TR13 Datasheet HTML 16Page - RF Micro Devices RFDA0066TR13 Datasheet HTML 17Page - RF Micro Devices RFDA0066TR13 Datasheet HTML 18Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15 of 18
RFDA0066
DS141218
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Build of Materials (BOM)
400MHz to 1GHz Application Circuit
Description
Reference
Designator
Manufacturer
Manufacturer's P/N
Evaluation Board
RFMD
RFDA0066410(B)
Digital Controlled Variable Gain Amplifier
U1
RFMD
RFDA0066SB
CAP, 2.2µF, 10%, 10V, X5R, 0603
C1, C17
Murata Electronics
GRM188R61A225KE34D
CAP, 10000pF, 10%, 16V, X7R, 0402
C22
Taiyo Yuden (USA), Inc
RM EMK105BJ103KV-F
CAP, 120pF, 5%, 50V, CG, 0402
C2-C5, C12-C15
Taiyo Yuden (USA), Inc
RM UMK105CG121JV-F
CAP, 1µF, 10%, 6.3V, X5R, 0402
C6-C7, C9, C16, C19, C23
Taiyo Yuden (USA), Inc
RM JMK105BJ105KVLF
CAP, 100pF, 5%, 50V, C0G, 0402
C8, C18
Taiyo Yuden (USA), Inc
RM UMK105CG101JV-F
CAP, 10µF, 10%, 16V, TANT-B
C10, C20
AVX Corporation
TAJB106K016R
IND, 68nH, 5%, W/W, 1008
L1-L2
Coilcraft, Inc.
1008CS-680XJBC
CONN, HDR, ST, 6-PIN, 0.100"
P1
SAMTEC INC.
TSW-106-07-G-S
CONN, HDR, ST, 2-PIN, 0.100"
P2
SAMTEC INC.
TSW-102-07-G-S
CONN, SKT, 24-PIN DIP, .600", T/H
P3
Aries Electronics, Inc.
24-6518-10
CONN, SMA, END LNCH, RND PIN, 0.059"
J1-J2
GIGALANE CO., LTD.
PSF-S01-006
RES, 27.4
, 1%, 3/4W, 2010
R1, R3
PANASONIC INDUSTRIAL CO
ERJ12SF27R4U
JMPR, 0
, 0603
R2
PANASONIC INDUSTRIAL CO
ERJ-3GEY0R00
RES, 1K, 1%, 1/16W, 0603
R5
PANASONIC INDUSTRIAL CO
ERJ-3EKF1001V
RES ARRAY, 4-ELEM, 1K, 5%, SMD 4x0402
RN1
KOA Speer Electronics, Inc.
CN1E4KTTD102J
DNI
C11, C21, R4, R6, J3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com