Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDA2125 Datasheet(PDF) 23 Page - RF Micro Devices

Part # RFDA2125
Description  Digital Controlled Variable Gain Amplifier 400MHz to 2700MHz, 6-Bit 0.5dB LSB Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2125 Datasheet(HTML) 23 Page - RF Micro Devices

Back Button RFDA2125 Datasheet HTML 18Page - RF Micro Devices RFDA2125 Datasheet HTML 19Page - RF Micro Devices RFDA2125 Datasheet HTML 20Page - RF Micro Devices RFDA2125 Datasheet HTML 21Page - RF Micro Devices RFDA2125 Datasheet HTML 22Page - RF Micro Devices RFDA2125 Datasheet HTML 23Page - RF Micro Devices RFDA2125 Datasheet HTML 24Page - RF Micro Devices RFDA2125 Datasheet HTML 25Page - RF Micro Devices RFDA2125 Datasheet HTML 26Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
RFDA2125
rfmd.com
DS130326
7628 Thorndike Road, Greensboro, NC 27409-9421 ∙ For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
23 of 26
Truth Table
Serial Port Interface
D5
D4
D3
D2
D1
D0
1
1
1
1
1
1
0dB
1
1
1
1
1
0
-0.5dB
1
1
1
1
0
1
-1dB
1
1
1
0
1
1
-2dB
1
1
0
1
1
1
-4dB
1
0
1
1
1
1
-8dB
0
1
1
1
1
1
-16dB
0
0
0
0
0
0
-31.5dB
Control Bit
Gain Relative to Maximum Gain
Power-up Programming Truth Table
PUP
Attenuator Setting
Low
Attenuation at max, 31.5dB
High
Attenuation at min, 0dB
Logic Voltage Levels
State
Logic
Low
0V to 0.8V
High
2.0V to 5.0V
Programming example
– 6-Bit
MSB
LSB
D4
D3
D2
D0
D1
D5
CLK
DATA
LE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com