Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDA4005 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFDA4005
Description  6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA4005 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFDA4005 Datasheet HTML 7Page - RF Micro Devices RFDA4005 Datasheet HTML 8Page - RF Micro Devices RFDA4005 Datasheet HTML 9Page - RF Micro Devices RFDA4005 Datasheet HTML 10Page - RF Micro Devices RFDA4005 Datasheet HTML 11Page - RF Micro Devices RFDA4005 Datasheet HTML 12Page - RF Micro Devices RFDA4005 Datasheet HTML 13Page - RF Micro Devices RFDA4005 Datasheet HTML 14Page - RF Micro Devices RFDA4005 Datasheet HTML 15Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140902
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
11 of 15
RFDA4005
Serial Attenuation Word Truth Table
Control Bit
Gain Relative to
Max Gain
D5
D4
D3
D2
D1
D0
1
1
1
1
1
1
0dB / Reference Insertion Loss
1
1
1
1
1
0
-0.5dB
1
1
1
1
0
1
-1dB
1
1
1
0
1
1
-2dB
1
1
0
1
1
1
-4dB
1
0
1
1
1
1
-8dB
0
1
1
1
1
1
-16dB
0
0
0
0
0
0
-31,5dB Max Attenuation
Timing Diagrams
CLK
DATA
t6
LE
t1
t2
t3
t4
t5
t7
t8
DOUT
t9
t10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com