Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFC2071SR Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFC2071SR
Description  2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC2071SR Datasheet(HTML) 3 Page - RF Micro Devices

  RFFC2071SR Datasheet HTML 1Page - RF Micro Devices RFFC2071SR Datasheet HTML 2Page - RF Micro Devices RFFC2071SR Datasheet HTML 3Page - RF Micro Devices RFFC2071SR Datasheet HTML 4Page - RF Micro Devices RFFC2071SR Datasheet HTML 5Page - RF Micro Devices RFFC2071SR Datasheet HTML 6Page - RF Micro Devices RFFC2071SR Datasheet HTML 7Page - RF Micro Devices RFFC2071SR Datasheet HTML 8Page - RF Micro Devices RFFC2071SR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3 of 23
RFFC2071/2072
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Reference Oscillator
External reference frequency
10
104
MHz
Reference divider ratio
1
7
External reference input level
500
800
1500
mVp-p
AC-coupled
Synthesizer (Loop bandwidth of 200KHz, 52MHz reference)
Synthesizer output frequency
85
2700
MHz
Phase detector frequency
52
MHz
Phase noise (LO = 1GHz)
-108
dBc/Hz
10kHz offset
-108
dBc/Hz
100kHz offset
-135
dBc/Hz
1MHz offset
0.19
°
RMS integrated from 1kHz to 40MHz
Phase noise (LO = 2GHz)
-102
dBc/Hz
10kHz offset
-102
dBc/Hz
100kHz offset
-130
dBc/Hz
1MHz offset
0.32
°
RMS integrated from 1kHz to 40MHz
Normalized phase noise floor
-214
dBc/Hz
Measured at 20kHz to 30kHz offset
Voltage Controlled Oscillator
Open loop phase noise at 1MHz
offset
2.5GHz LO frequency
-134
dBc/Hz
VCO3
2.0GHz LO frequency
-135
dBc/Hz
VCO2
1.5GHz LO frequency
-136
dBc/Hz
VCO1
Open loop phase noise at 10MHz
offset
2.5GHz LO frequency
-149
dBc/Hz
VCO3
2.0GHz LO frequency
-150
dBc/Hz
VCO2
1.5GHz LO frequency
-151
dBc/Hz
VCO1
External LO Input
LO Input Frequency Range
85
5400
MHz
Note Minimum LO Divide by 2 at Mixer
External LO Input Level
0
dBm
Driven from 50
Source Via a 1:1 Balun



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com