Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFC2071TR7 Datasheet(PDF) 21 Page - RF Micro Devices

Part # RFFC2071TR7
Description  2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC2071TR7 Datasheet(HTML) 21 Page - RF Micro Devices

Back Button RFFC2071TR7 Datasheet HTML 15Page - RF Micro Devices RFFC2071TR7 Datasheet HTML 16Page - RF Micro Devices RFFC2071TR7 Datasheet HTML 17Page - RF Micro Devices RFFC2071TR7 Datasheet HTML 18Page - RF Micro Devices RFFC2071TR7 Datasheet HTML 19Page - RF Micro Devices RFFC2071TR7 Datasheet HTML 20Page - RF Micro Devices RFFC2071TR7 Datasheet HTML 21Page - RF Micro Devices RFFC2071TR7 Datasheet HTML 22Page - RF Micro Devices RFFC2071TR7 Datasheet HTML 23Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21 of 23
RFFC2071/2072
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Full Duplex Mode Performance Characteristics
VDD = +3V and TA = +27°C unless stated. Measured on RFFC2071 evaluation board.
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0
500
1000
1500
2000
2500
Isolation
(dB)
RF Input Frequency (MHz)
Mixer to Mixer Isolation in Full Duplex Mode
LO = RF input + 100MHz
MIX_IDD = 4
RFFC2071 typical operating current in mA. Full duplex mode (both
mixers enabled) with +3V supply.
MIX2_IDD
MIX1_IDD
12
34
5
6
7
1
121
126
131
136
142
146
151
2
126
131
136
141
147
151
156
3
131
136
141
147
152
156
161
4
136141
147152
157
162
167
5
141
146
152157
162167
172
6
146
151
156
161
167
171
176
7
151
156
161
166
171
176
181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com