Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS202-4M Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CS202-4M
Description  4.0 AMP SCR 200 THRU 800 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CS202-4M Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CS202-4M Datasheet HTML 1Page - Central Semiconductor Corp CS202-4M Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS202-4B
CS202-4D
CS202-4M
CS202-4N
4.0 AMP SCR
200 THRU 800 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CS202-4B series
type is an epoxy molded silicon controlled rectifier
designed for sensing circuit applications and control
systems.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
CS202
CS202
CS202
CS202
SYMBOL
-4B
-4D
-4M
-4N
UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM
200
400
600
800
V
RMS On-State Current (TC=85°C)
IT(RMS)
4.0
A
Peak One Cycle Surge (t=10ms)
ITSM
30
A
I2t Value for Fusing (t=10ms)
I2t
4.5
A2s
Peak Gate Power (tp=20μs)
PGM
3.0
W
Average Gate Power Dissipation
PG(AV)
0.2
W
Peak Gate Current (tp=20μs)
IGM
1.2
A
Critical Rate of Rise of On-State Current
di/dt
50
A/μs
Storage Temperature
Tstg
-40 to +150
°C
Junction Temperature
TJ
-40 to +125
°C
Thermal Resistance
ΘJA
80
°C/W
Thermal Resistance
ΘJC
7.5
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM, IRRM Rated VDRM, VRRM, RGK=1.0KΩ
10
μA
IDRM, IRRM Rated VDRM, VRRM, RGK=1.0KΩ, TC=125°C
200
μA
IGT
VD=12V, RL=10Ω
20
38
200
μA
IH
IT=50mA, RGK=1.0KΩ
0.25
2.0
mA
VGT
VD=12V, RL=10Ω
0.55
0.8
V
VTM
ITM=8.0A, tp=380μs
1.6
1.8
V
dv/dt
VD=⅔ VDRM, RGK=1.0KΩ, TC=125°C
10
V/μs
TO-202 CASE
R4 (23-January 2012)
www.centr a lsemi.com


Similar Part No. - CS202-4M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS202-4M CENTRAL-CS202-4M Datasheet
58Kb / 1P
SCRs
CS202-4M CENTRAL-CS202-4M Datasheet
78Kb / 2P
4.0 AMP SCR 200 THRU 800 VOLTS
CS202-4M-2 CENTRAL-CS202-4M-2 Datasheet
58Kb / 1P
SCRs
CS202-4M-2 CENTRAL-CS202-4M-2 Datasheet
78Kb / 2P
4.0 AMP SCR 200 THRU 800 VOLTS
CS202-4M-2 CENTRAL-CS202-4M-2 Datasheet
414Kb / 2P
4.0 AMP SCR 200 THRU 800 VOLTS
More results

Similar Description - CS202-4M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS223-4N CENTRAL-CS223-4N Datasheet
76Kb / 2P
4.0 AMP SCR 600 THRU 800 VOLTS
CQ39BS CENTRAL-CQ39BS Datasheet
79Kb / 2P
TRIAC 4.0 AMP, 200 THRU 800 VOLTS
CQ202-4B-2 CENTRAL-CQ202-4B-2 Datasheet
35Kb / 2P
4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4BS-2 CENTRAL-CQ202-4BS-2 Datasheet
35Kb / 2P
4.0 AMP TRIAC 200 THRU 800 VOLTS
CSD-4M CENTRAL-CSD-4M Datasheet
74Kb / 2P
4.0 AMP SCR 600 THRU 800 VOLTS
CS202-4B CENTRAL-CS202-4B Datasheet
78Kb / 2P
4.0 AMP SCR 200 THRU 800 VOLTS
CS202-4B-2 CENTRAL-CS202-4B-2 Datasheet
78Kb / 2P
4.0 AMP SCR 200 THRU 800 VOLTS
CQ202-4BS CENTRAL-CQ202-4BS Datasheet
426Kb / 2P
4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4BS-2 CENTRAL-CQ202-4BS-2 Datasheet
414Kb / 2P
4.0 AMP TRIAC 200 THRU 800 VOLTS
CS202-4M-2 CENTRAL-CS202-4M-2 Datasheet
414Kb / 2P
4.0 AMP SCR 200 THRU 800 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com