Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US2JDF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # US2JDF
Description  2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

US2JDF Datasheet(HTML) 1 Page - Diodes Incorporated

  US2JDF Datasheet HTML 1Page - Diodes Incorporated US2JDF Datasheet HTML 2Page - Diodes Incorporated US2JDF Datasheet HTML 3Page - Diodes Incorporated US2JDF Datasheet HTML 4Page - Diodes Incorporated US2JDF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
US2JDF
Document number: DS36878 Rev. 6 - 2
1 of 5
www.diodes.com
December 2014
© Diodes Incorporated
US2JDF
2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Product Summary (@TA = +25°C)
VRRM (V)
IO (A)
VF(MAX) (V)
IR(MAX) (μA)
600
2
1.7
5
Description and Applications
The US2JDF is a rectifier packaged in the low profile D-FLAT
package. Providing ultra-fast recovery time for high efficiency, this
device is ideal for use in general rectification applications such as:
Switching Mode Power Supplies
DC-DC Converters
Features and Benefits
Glass Passivated Die Construction
Ultra-Fast Recovery Time for High Efficiency
Surge Overload Rating to 50A Peak
High Current Capability
Low Profile Design, Package Height less than 1.1mm
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and
Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: D-FLAT
Case Material: M
olded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.064 grams (Approximate)
Ordering Information (Note 4)
Part Number
Qualification
Case
Packaging
US2JDF-13
Commercial
D-FLAT
10000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Green
Top View
D-FLAT
U2J= Product Type Marking Code
= Manufacturer
’s Code Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 4 for 2014)
WW = Week Code (01 to 53)
AB = Foundry and Assembly Code


Similar Part No. - US2JDF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
US2JDFQ DIODES-US2JDFQ Datasheet
468Kb / 5P
2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev erse
US2JDFQ-13 DIODES-US2JDFQ-13 Datasheet
468Kb / 5P
2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev erse
More results

Similar Description - US2JDF

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF2A WTE-UF2A Datasheet
51Kb / 3P
2.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diodes Incorporated
ES2A DIODES-ES2A Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
ES2G DIODES-ES2G Datasheet
57Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30212 Rev. A-2
ES2A_ DIODES-ES2A_ Datasheet
501Kb / 3P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. 10 - 2
ES2G DIODES-ES2G_1 Datasheet
193Kb / 3P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30212 Rev. 6 - 2
ES2G DIODES-ES2G_10 Datasheet
123Kb / 4P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev. 8 - 2 September 2010
US2JDFQ DIODES-US2JDFQ Datasheet
468Kb / 5P
2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev erse
logo
Gaomi Xinghe Electronic...
US2A GXELECTRONICS-US2A Datasheet
610Kb / 2P
2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US2ABF GXELECTRONICS-US2ABF Datasheet
630Kb / 2P
2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
SF2DDF DIODES-SF2DDF Datasheet
638Kb / 5P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
January 2019 Rev. 6 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com