Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1508F-R1 Datasheet(PDF) 10 Page - New Japan Radio

Part # NJG1508F-R1
Description  SPDT SWITCH GaAs MMIC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1508F-R1 Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJG1508F-R1 Datasheet HTML 3Page - New Japan Radio NJG1508F-R1 Datasheet HTML 4Page - New Japan Radio NJG1508F-R1 Datasheet HTML 5Page - New Japan Radio NJG1508F-R1 Datasheet HTML 6Page - New Japan Radio NJG1508F-R1 Datasheet HTML 7Page - New Japan Radio NJG1508F-R1 Datasheet HTML 8Page - New Japan Radio NJG1508F-R1 Datasheet HTML 9Page - New Japan Radio NJG1508F-R1 Datasheet HTML 10Page - New Japan Radio NJG1508F-R1 Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
NJG1508F
- 10 -
PCB SIZE=19.4x14.0mm
PCB: FR-4, t=0.5mm
CAPACITOR: size 1005
STRIP LINE WIDTH=1mm
C1~C3: 56pF
C4, C5: 10pF
R1: 510K
nTEST CIRCUIT
nRECOMMENDED PCB DESIGN
Precautions
[1]External capacitors should be connected to the input and output RF terminals (P1,
P2, PC) to block the DC current. The above example is a circuit at 900MHz.Please
select the capacitor value suitable for actual frequency from 10pF to 1000pF.
[2]Decoupling capacitors should be connected to the control terminals (VCTR1, VCTR2) as
close as possible. The values of these capacitors should be selected from 5pF to
100pF range. Please consider that these values are very effective to switching time
(Larger capacitor gives longer switching time).
[3]In order to keep good isolation characteristics, the ground terminal (5pin) should be
connected to the ground pattern with wider width as close as possible, and
through-hole in the ground plane should also be placed as close as possible.
C4
C2
C3
C5
C1
P1
P2
PC
VCTR2
VCTR1
(TOP VIEW)
R1
3
VCTR2 (2.7V/0V)
Zo=50
C2
C3
C4
VCTR1 (0V/2.7V)
NJG1508F
P2
P1
2
4
6
Zo=50
PC
Zo=50
C1
5
1
R1
C5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com