Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2G54 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # F2G54
Description  RF Bandpass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F2G54 Datasheet(HTML) 2 Page - Integrated Technology Future

  F2G54 Datasheet HTML 1Page - Integrated Technology Future F2G54 Datasheet HTML 2Page - Integrated Technology Future F2G54 Datasheet HTML 3Page - Integrated Technology Future F2G54 Datasheet HTML 4Page - Integrated Technology Future F2G54 Datasheet HTML 5Page - Integrated Technology Future F2G54 Datasheet HTML 6Page - Integrated Technology Future F2G54 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SAW Bandpass Filter F2G54
Part No.
F2G54
Rev. Date
2014-02-28
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NCPB02-AS01
2/7
Specifications
Fc = 2530 MHz
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured relative to insertion loss
Minimum
Typical
Maximum
Unit
Center Frequency ( Fc )
-
2530
-
MHz
Insertion Loss (2520 ~2540 MHz)
-
1.3
3.0
dB
Amplitude Ripple (2520 ~2540 MHz)
-
0.3
1.5
dB
VSWR (2520 ~2540 MHz)
-
1.3
2.1
Relative Attenuation
0.3 ~ 2380 MHz
2380 ~ 2420 MHz
@ 2460 MHz
2640 ~ 2660 MHz
2660 ~ 4500 MHz
33
35
18
40
30
35
40
25
48
33
-
-
-
-
dB
Input/Output Impedance
50
Ohms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com