Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDD08072 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # IDD08072
Description  Usable bandwidth 5 MHz each Rx And Tx. band
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

IDD08072 Datasheet(HTML) 2 Page - Integrated Technology Future

  IDD08072 Datasheet HTML 1Page - Integrated Technology Future IDD08072 Datasheet HTML 2Page - Integrated Technology Future IDD08072 Datasheet HTML 3Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ceramic DUPLEXER IDD08072
808.5 MHz / 853.5 MHz
Part No.
IDD08072
Rev. Date
2014-9-16
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
AS01
2/3
Specification
Fo = 808.5 MHz / 853.5 MHz
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 3 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured absolute to insertion loss
ANT to Rx
Minimum
Typical
Maximum
Insertion loss (808.5 MHz +/-2.5 MHz)
dB
-
2.3
2.5
Amplitude Ripple (808.5 MHz +/-2.5 MHz)
dB
-
0.3
0.5
Return Loss (808.5 MHz +/-2.5 MHz)
dB
17
20
-
Input power (808.5 MHz +/-2.5 MHz)
Watt
2W > 50000 Hours, CW tone (Ta=+50°C)
Relative Attenuation
850.5 ~ 855.5 MHz
dB
70
73
-
Tx to ANT
Minimum
Typical
Maximum
Insertion loss (853.5 MHz +/-2.5 MHz)
dB
-
2.3
2.5
Amplitude Ripple (853.5 MHz +/-2.5 MHz)
dB
-
0.3
0.5
Return Loss (853.5 MHz +/-2.5 MHz)
dB
17
20
-
Input power (853.5 MHz +/-2.5 MHz)
Watt
2W > 50000 Hours, CW tone (Ta=+50°C)
Relative Attenuation
805.5 ~ 810.5 MHz
dB
70
73
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com