Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDD09175 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # IDD09175
Description  Usable bandwidth 10 MHz each Rx And Tx. band
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

IDD09175 Datasheet(HTML) 2 Page - Integrated Technology Future

  IDD09175 Datasheet HTML 1Page - Integrated Technology Future IDD09175 Datasheet HTML 2Page - Integrated Technology Future IDD09175 Datasheet HTML 3Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ceramic DUPLEXER IDD09175
910 MHz / 955 MHz
Part No.
IDD09175
Rev. Date
2014-9-16
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
AS01
2/3
Specification
Fo = 910MHz / 955 MHz
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 3 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured absolute to insertion loss
ANT to Rx
Minimum
Typical
Maximum
Insertion loss (910 MHz +/-5 MHz)
dB
-
1.0
1.2
Amplitude Ripple (910 MHz +/-5 MHz)
dB
-
0.3
0.5
Return Loss (910 MHz +/-5 MHz)
dB
18
20
-
Input power (910 MHz +/-5 MHz)
Watt
10W > 50000 Hours, CW tone (Ta=+50°C)
Relative Attenuation
950 ~ 960 MHz
dB
60
63
-
Tx to ANT
Minimum
Typical
Maximum
Insertion loss (955 MHz +/-5 MHz)
dB
-
1.0
1.2
Amplitude Ripple (955 MHz +/-5 MHz)
dB
-
0.3
0.5
Return Loss (955 MHz +/-5 MHz)
dB
18
20
-
Input power (955 MHz +/-5 MHz)
Watt
10W > 50000 Hours, CW tone (Ta=+50°C)
Relative Attenuation
890 ~ 915 MHz
dB
60
63
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com