Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM4503 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFFM4503
Description  4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4503 Datasheet(HTML) 9 Page - RF Micro Devices

  RFFM4503 Datasheet HTML 1Page - RF Micro Devices RFFM4503 Datasheet HTML 2Page - RF Micro Devices RFFM4503 Datasheet HTML 3Page - RF Micro Devices RFFM4503 Datasheet HTML 4Page - RF Micro Devices RFFM4503 Datasheet HTML 5Page - RF Micro Devices RFFM4503 Datasheet HTML 6Page - RF Micro Devices RFFM4503 Datasheet HTML 7Page - RF Micro Devices RFFM4503 Datasheet HTML 8Page - RF Micro Devices RFFM4503 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Revision DS20150520
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
9 of 9
RFFM4503
RFMD + TriQuint = Qorvo
Pin Names and Descriptions
Pin
Name
Description
1
GND
Ground connection
2
RX
RF output port for the
802.11a/n/ac LNA. This port is matched to 50Ω and DC blocked internally.
3
GND
Ground connection
4
VDD
Supply voltage for the LNA and PA regulator. See applications schematic for biasing and bypassing
components.
5
PDET
Power detector voltage for the TX path. May need external series R/shunt C to adjust voltage level and to
filter RF noise.
6
PA_EN
Control voltage for the PA and TX switch. See truth table for proper settings.
7
NC
This pin is not connected internally and can be left floating or connected to ground.
8
TX
RF input port for the 802.11a/n PA. Input is matched to 50Ω and DC blocked internally
9
NC
This pin is not connected internally and can be left floating or connected to ground.
10
VCC
Supply voltage for the PA. See applications schematic for biasing and bypassing components.
11
VCC
Supply voltage for the PA. See applications schematic for biasing and bypassing components.
12
GND
Ground connection
13
ANT
RF bi-
directional antenna port matched to 50Ω. An internal DC block is integrated in device.
14
GND
Ground connection
15
CRX
Receive switch control pin. See truth table
16
LNA-EN
Control voltage for the LNA. When this pin is set to a low logic state, the bypass mode is enabled.
PKG
BASE
GND
Ground connection. The backside of the package should be connected to the ground plane through a short
path, i.e., PCB vias under the device are recommended.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com