Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM6204 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFFM6204
Description  2.0V to 4.0V, 2.4GHz Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6204 Datasheet(HTML) 9 Page - RF Micro Devices

  RFFM6204 Datasheet HTML 1Page - RF Micro Devices RFFM6204 Datasheet HTML 2Page - RF Micro Devices RFFM6204 Datasheet HTML 3Page - RF Micro Devices RFFM6204 Datasheet HTML 4Page - RF Micro Devices RFFM6204 Datasheet HTML 5Page - RF Micro Devices RFFM6204 Datasheet HTML 6Page - RF Micro Devices RFFM6204 Datasheet HTML 7Page - RF Micro Devices RFFM6204 Datasheet HTML 8Page - RF Micro Devices RFFM6204 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140808
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
9 of 9
RFFM6204
Pin Names and Descriptions
Pin
Name
Description
1
C_TX
Control Pin: Transmit Enable/Disable, view logic table for operation
2
CT
Balun Center Tap: DC bias voltage to RFN and RFP pins
3
RFN
Negative Differential RF Input/Output signal: 100ohm differential
4
RFP
Positive Differential RF Input/Output signal: 100ohm differential
5
GND
No Internal Connection; Ground on PCB
6
VDD_RX
Receive Low Noise Amplifier Voltage Supply
7
GND
No Internal Connection; Ground on PCB
8
N/C
No Internal Connection; No Connect on PCB
9
N/C
No Internal Connection; No Connect on PCB
10
GND
No Internal Connection; Ground on PCB
11
ANT
Antenna Switch Common Port, internally matched to 50 ohms, DC Blocked
12
GND
No Internal Connection; Ground on PCB
13
VDD_TX
Transmit Power Amplifier Voltage Supply
14
C_EN
Control Pin: Enable FEM, view logic table for operation
15
C_BYP
Control Pin: Bypass Enable/Disable, view logic table for operation
16
C_RX
Control Pin: Receive Enable/Disable, view logic table for operation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com