Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM6901 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RFFM6901
Description  2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6901 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RFFM6901 Datasheet HTML 5Page - RF Micro Devices RFFM6901 Datasheet HTML 6Page - RF Micro Devices RFFM6901 Datasheet HTML 7Page - RF Micro Devices RFFM6901 Datasheet HTML 8Page - RF Micro Devices RFFM6901 Datasheet HTML 9Page - RF Micro Devices RFFM6901 Datasheet HTML 10Page - RF Micro Devices RFFM6901 Datasheet HTML 11Page - RF Micro Devices RFFM6901 Datasheet HTML 12Page - RF Micro Devices RFFM6901 Datasheet HTML 13Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12 of 13
RFFM6901
DS120803
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Performance Plots (continued)
13
15
17
19
21
23
25
27
29
31
33
20
15
10
5
0
5
P
IN (dBm)
Transmit P
IN (dBm) versus POUT (dBm)
PA V
CC and VCCDIG =4V; LNA VCC = 0V
CTL1, CTL4, and CTL5 = 3.8V; CTL2 and CTL3 = 0V; High Bias Mode
Freq = 915MHz; Temp = 40°C, 25°C, and 85°C
40°C
25°C
85°C
13
15
17
19
21
23
25
27
29
31
33
15
10
5
0
5
P
OUT (dBm)
Transmit P
IN (dBm)versus POUT (dBm)
PA V
CC and VCCDIG =4V; LNAVCC = 0V
CTL1 and CTL4 = 3.8V; CTL2, CTL3, and CTL5 = 0V; Low Bias Mode
Freq = 915MHz; Temp= 40°C, 25°C, and85°C
40°C
25°C
85°C
0
100
200
300
400
500
600
700
800
900
1000
14
19
24
29
34
P
OUT (dBm)
Operating Current (mA) versus P
OUT (dBm)
PA V
CC and VCCDIG =4V; LNA VCC = 0V
CTL1, CTL4, and CTL5 = 3.8V; CTL2 and CTL3 = 0V; High Bias Mode
Freq = 915MHz; Temp = 40°C, 25°C, and 85°C
40°C
25°C
85°C
0
100
200
300
400
500
600
700
800
900
14
19
24
29
34
P
OUT (dBm)
Operating Current (mA)versus P
OUT (dBm)
PA V
CC and VCCDIG =4V; LNAVCC = 0V
CTL1 and CTL4 = 3.8V; CTL2, CTL3, and CTL5 = 0V; Low Bias Mode
Freq = 915MHz; Temp= 40°C, 25°C, and85°C
40°C
25°C
85°C
12
13
14
15
16
17
18
23
18
13
8
3
P
IN (dBm)
Rx Gain (dB) versus Input Power (dBm)
PA V
CC =0V;VCCDIG andLNA VCC = 4V
CTL1, CTL2, CTL3, and CTL4 = 3.8V; CTL5 = 0V
915MHz
40°C
25°C
85°C
3
2.8
2.6
2.4
2.2
2
1.8
1.6
1.4
17
15
13
11
9
7
5
3
P
IN (dBm)
RxGain (dB) versusFrequency (MHz)
PA V
CC = 0V; VCCDIG andLNAVCC = 4.0V
CTL1, CTL2, CTL4, and CTL5 = 3.8V; CTL3 = 0V
915MHz; LNA Bypass Mode
40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com