Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS223-2M Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CS223-2M
Description  SURFACE MOUNT SILICON CONTROLLED RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CS223-2M Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CS223-2M Datasheet HTML 1Page - Central Semiconductor Corp CS223-2M Datasheet HTML 2Page - Central Semiconductor Corp CS223-2M Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CS223-2M
CS223-2N
SURFACE MOUNT
SILICON CONTROLLED RECTIFIERS
2.0 AMP, 600 AND 800 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CS223-2M and
CS223-2N are epoxy molded SCRs designed for
sensing circuit applications and control systems.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
CS223-2M
CS223-2N
UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM
600
800
V
RMS On-State Current (TC=60°C)
IT(RMS)
2.0
A
Peak One Cycle Surge, t=10ms
ITSM
10
A
I2t Value for Fusing, t=10ms
I2t
0.5
A2s
Peak Gate Power, tp=10μs
PGM
2.0
W
Average Gate Power Dissipation
PG(AV)
0.1
W
Peak Gate Current, tp=10μs
IGM
1.0
A
Peak Gate Voltage, tp=10μs
VGM
8.0
V
Operating Junction Temperature
TJ
-50 to +125
°C
Storage Temperature
Tstg
-50 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM, IRRM
Rated VDRM, VRRM, RGK=1.0KΩ
10
μA
IDRM, IRRM
Rated VDRM, VRRM, RGK=1.0KΩ, TC=125°C
100
μA
IGT
VD=12V, RL=10Ω
38
200
μA
IH
IT=50mA, RGK=1.0KΩ
1.0
2.0
mA
VGT
VD=12V, RL=10Ω
0.55
0.8
V
VTM
ITM=4.0A, tp=380μs
1.4
1.7
V
dv/dt
VD=2/3 VDRM, RGK=1.0KΩ, TC=125°C
10
V/μs
SOT-223 CASE
R3 (1-June 2015)
www.centr a lsemi.com


Similar Part No. - CS223-2M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS223-2M CENTRAL-CS223-2M Datasheet
72Kb / 2P
2.0 AMP SCR 600 THRU 800 VOLTS
CS223-2M CENTRAL-CS223-2M Datasheet
370Kb / 2P
SURFACE MOUNT 2 AMP SILICON SCR 600 THRU 800 VOLTS
CS223-2M CENTRAL-CS223-2M_10 Datasheet
370Kb / 2P
SURFACE MOUNT 2 AMP SILICON SCR 600 THRU 800 VOLTS
More results

Similar Description - CS223-2M

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
S3A WEITRON-S3A Datasheet
185Kb / 3P
Surface Mount Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
LM4001 SEMTECH_ELEC-LM4001 Datasheet
280Kb / 2P
SURFACE MOUNT SILICON RECTIFIERS
logo
Frontier Electronics.
S07A-LFR FRONTIER-S07A-LFR Datasheet
120Kb / 2P
SURFACE MOUNT SILICON RECTIFIERS
logo
Central Semiconductor C...
CS223-4M CENTRAL-CS223-4M Datasheet
286Kb / 3P
SURFACE MOUNT SILICON CONTROLLED RECTIFIERS
CSD-4M CENTRAL-CSD-4M Datasheet
501Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIERS
CSD-8M CENTRAL-CSD-8M Datasheet
494Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIERS
MCR703A CENTRAL-MCR703A Datasheet
496Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIERS
MCR716 CENTRAL-MCR716 Datasheet
496Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIERS
logo
Galaxy Semi-Conductor H...
S2DF BILIN-S2DF Datasheet
449Kb / 4P
Surface Mount Silicon Rectifiers
Rev.B
logo
MIC GROUP RECTIFIERS
G2AF MIC-G2AF Datasheet
85Kb / 3P
SURFACE MOUNT SILICON RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com