Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM6901SB Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFM6901SB
Description  2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6901SB Datasheet(HTML) 4 Page - RF Micro Devices

  RFFM6901SB Datasheet HTML 1Page - RF Micro Devices RFFM6901SB Datasheet HTML 2Page - RF Micro Devices RFFM6901SB Datasheet HTML 3Page - RF Micro Devices RFFM6901SB Datasheet HTML 4Page - RF Micro Devices RFFM6901SB Datasheet HTML 5Page - RF Micro Devices RFFM6901SB Datasheet HTML 6Page - RF Micro Devices RFFM6901SB Datasheet HTML 7Page - RF Micro Devices RFFM6901SB Datasheet HTML 8Page - RF Micro Devices RFFM6901SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4 of 13
RFFM6901
DS120803
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Rx Section
High Bias Rx Mode
TXRX_SEL Logic = High, LNA_SEL Logic = High
VCC_DIG and Logic
signals may be applied in any order; pin 13
floating
Operating Voltage
2.744.2
V
LNA_VCC
Gain at High Bias (HB) PI = -40 to -10dBm
4.2V
15
17
dB
LNA_VCC = 3.3V to 4.4V; LNA Bias = High Bias
Gain at High Bias (HB) PI = -40 to -10dBm
4.0V
15
17
dB
LNA_VCC = 3.3V to 4.4V; LNA Bias = High Bias
Gain at High Bias (HB) PI = -40 to -10dBm
3.6V
15
17
dB
LNA_VCC = 3.3V to 4.4V; LNA Bias = High Bias
Gain at High Bias (HB) PI = -40 to -10dBm
3.3V
15
17
dB
LNA_VCC = 3.3V to 4.4V; LNA Bias = High Bias
Gain at High Bias (HB) PI = -40 to -10dBm
2.7V
13
15
dB
LNA_VCC = 2.7V LNA Bias = High Bias
Noise Figure at HB
1.5
2
dB
LNA_VCC = 3.3 V to 4.2V; LNA Bias = High
Bias
1.5
2
dB
LNA_VCC = 2.7V LNA Bias = High Bias
Input IP3 at HB
3
5
dBm
LNA_VCC = 4.2V; LNA Bias = High Bias
25
dBm
LNA_VCC = 2.7V LNA Bias = High Bias
Input Return Loss
10
dB
Measured at LNA-IN Port at Pin 14
Output Return Loss
10
dB
Measured at RFIO 900 Pin 2
Power Supply Current
6
8
10
mA
LNA_VCC
Low Bias Rx Mode
TXRX_SEL Logic = High, LNA_SEL Logic =
HIGH VCC_DIG and Logic
signals may be applied in any order;
51K
 resistor pull-down from pin 13 to
ground.
Gain at Low Bias (LB)
13
15
dB
LNA_VCC = 3.3V to 4.2V; LNA Bias = Low Bias
Gain at LB
9
12
dB
LNA_VCC = 2.7V; LNA Bias = Low Bias
Noise Figure at LB
2.5
3.5
dB
LNA_VCC = 3.3V to 4.2V; LNA Bias = Low Bias
34
dB
LNA_VCC = 2.7V; LNA Bias = Low Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com