Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM6907 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM6907
Description  2.8V to 4.0V, 915MHz Transmit/Receive Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6907 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM6907 Datasheet HTML 1Page - RF Micro Devices RFFM6907 Datasheet HTML 2Page - RF Micro Devices RFFM6907 Datasheet HTML 3Page - RF Micro Devices RFFM6907 Datasheet HTML 4Page - RF Micro Devices RFFM6907 Datasheet HTML 5Page - RF Micro Devices RFFM6907 Datasheet HTML 6Page - RF Micro Devices RFFM6907 Datasheet HTML 7Page - RF Micro Devices RFFM6907 Datasheet HTML 8Page - RF Micro Devices RFFM6907 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Revision DS20150612
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
3 of 9
RFFM6907
RFMD + TriQuint = Qorvo
Parameter
Specification
Unit
Condition
Min
Typ
Max
Antenna Switch Section
Antenna Isolation
25
dB
ANT1 to ANT2 (TX or RX mode)
Switch Isolation
30
dB
ANT1/2 - RX
Select Control Logic = HIGH
VCC -0.2
VCC
V
All five (5) logic I/Os
Select Control Logic = LOW
0
0.2
V
Select Control Logic High Current
40
120
µA
Select Control Logic Low Current
0.4
µA
All five (5) logic I/Os (sink current)
Module Control Logic Table
Operating Mode
CTRL1
CTRL2
CTRL3
CTRL4
Enable
TX-ANT1
0
1
0
0
1
TX-ANT2
1
0
0
0
1
RX-ANT1
0
0
0
1
0
RX-ANT2
0
0
1
0
0
Shutdown
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com