Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM8500 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFFM8500
Description  4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8500 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFFM8500 Datasheet HTML 4Page - RF Micro Devices RFFM8500 Datasheet HTML 5Page - RF Micro Devices RFFM8500 Datasheet HTML 6Page - RF Micro Devices RFFM8500 Datasheet HTML 7Page - RF Micro Devices RFFM8500 Datasheet HTML 8Page - RF Micro Devices RFFM8500 Datasheet HTML 9Page - RF Micro Devices RFFM8500 Datasheet HTML 10Page - RF Micro Devices RFFM8500 Datasheet HTML 11Page - RF Micro Devices RFFM8500 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10 of 12
RFFM8500
DS120904
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RFFM8500 Transmit Performance Plots
0
2
4
6
8
10
12
0
1
2
3
4
5
6
7
8
9
1011121314151617181920
Output Power (dBm)
RFFM8500: EVM vs. Output Power vs. Temperature
(Freq=5180MHz; MCS7 HT20; Vcc=3.3v; PA_EN=3.1v; 50% duty cycle)
25 C
-10 C
+70 C
0
1
2
3
4
5
6
7
8
9
0
1
2
3
4
5
6
7
8
9
1011121314151617181920
Output Power (dBm)
RFFM8500: EVM vs. Output Power vs. Temperature
(Freq=5650MHz; MCS7 HT20; Vcc=3.3v; PA_EN=3.1v; 50% duty cycle)
25 C
-10 C
+70 C
10
12
14
16
18
20
22
24
26
28
30
32
34
0
1
2
3
4
5
6
7
8
9
1011121314151617181920
Output Power (dBm)
RFFM8500: GAIN vs. Output Power vs. Temperature
(Freq=5180MHz; MCS7 HT20; Vcc=3.3v; PA_EN=3.1v; 50% duty cycle)
25 C
-10 C
+70 C
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9
1011121314151617181920
Output Power (dBm)
RFFM8500: EVM vs. Output Power vs. Temperature
(Freq=5825MHz; MCS7 HT20; Vcc=3.3v; PA_EN=3.1v; 50% duty cycle)
25 C
-10 C
+70 C
14
16
18
20
22
24
26
28
30
32
34
36
0
1
2
3
4
5
6
7
8
9
1011121314151617181920
Output Power (dBm)
RFFM8500: GAIN vs. Output Power vs. Temperature
(Freq=5650MHz; MCS7 HT20; Vcc=3.3v; PA_EN=3.1v; 50% duty cycle)
25 C
-10 C
+70 C
14
16
18
20
22
24
26
28
30
32
34
36
0
1
2
3
4
5
6
7
8
9
1011121314151617181920
Output Power (dBm)
RFFM8500: GAIN vs. Output Power vs. Temperature
(Freq=5825MHz; MCS7 HT20; Vcc=3.3v; PA_EN=3.1v; 50% duty cycle)
25 C
-10 C
+70 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com