Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM8528 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM8528
Description  WiFi Front End Module 5180MHz to 5825MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8528 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM8528 Datasheet HTML 1Page - RF Micro Devices RFFM8528 Datasheet HTML 2Page - RF Micro Devices RFFM8528 Datasheet HTML 3Page - RF Micro Devices RFFM8528 Datasheet HTML 4Page - RF Micro Devices RFFM8528 Datasheet HTML 5Page - RF Micro Devices RFFM8528 Datasheet HTML 6Page - RF Micro Devices RFFM8528 Datasheet HTML 7Page - RF Micro Devices RFFM8528 Datasheet HTML 8Page - RF Micro Devices RFFM8528 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140731
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 10
RFFM8528
WiFi Front End Module
5180MHz to 5825MHz
The RFFM8528 provides a complete integrated solution in a single front
end module (FEM) for WiFi 802.11a/n/ac systems. The next generation
ultra-small factor and integrated matching minimizes layout area in the
customer’s application, reduces the bill of materials and greatly reduces
the number of external components. Performance is focused on a
balance of efficiency to enable long battery life and linear power that
increases the range of connection. The RFFM8528 integrates a 5GHz
power amplifier (PA), single pole double throw switch (SP2T), LNA with
bypass, and a power detector coupler for improved accuracy. The
device is provided in a 2.3mm x 2.3mm x 0.33mm, 16-pin QFN package.
1
2
3
4
5
6
7
8
12
11
10
9
16
15
14
13
GND
RX
GND
VCC
PDET PA_EN GND
TX
VMODE
VCC
VCC
GND
LNA_EN NC
GND ANT
Functional Block Diagram
Ordering Information
RFFM8528SB
Standard 5-piece bag
RFFM8528SQ
Standard 25-piece bag
RFFM8528SR
Standard 100-piece reel
RFFM8528TR7
Standard 2500-piece reel
RFFM8528TR7-5K
Standard 5000-piece reel
RFFM8528PCK-410
Fully assembled evaluation board w/ 5-piece bag
Package: QFN, 16-pin,
2.3mm x 2.3mm x 0.33mm max
Features
■ P
OUT = +17.5dBm, 802.11ac,
80MHz MCS9 at 1.8% (-35dB)
Dynamic EVM
■ High efficiency
■ Input and Output Matched to 50Ω
■ Integrated 5GHz PA, SP2T, LNA
with Bypass and PDET
■ Supports low power mode for
increased efficiency operation
■ Optional logic schemes for control
■ Low Height Package, Suited for
SiP and CoB designs
Applications
■ Smartphones
■ Tablets
■ Netbooks/Notebooks
■ Mobile Devices
■ Automotive
RFFM8528


Similar Part No. - RFFM8528

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8528 QORVO-RFFM8528 Datasheet
267Kb / 10P
WiFi Front End Module 5180MHz to 5825MHz
RFFM8528PCK-410 QORVO-RFFM8528PCK-410 Datasheet
267Kb / 10P
WiFi Front End Module 5180MHz to 5825MHz
RFFM8528SB QORVO-RFFM8528SB Datasheet
267Kb / 10P
WiFi Front End Module 5180MHz to 5825MHz
RFFM8528SQ QORVO-RFFM8528SQ Datasheet
267Kb / 10P
WiFi Front End Module 5180MHz to 5825MHz
RFFM8528SR QORVO-RFFM8528SR Datasheet
267Kb / 10P
WiFi Front End Module 5180MHz to 5825MHz
More results

Similar Description - RFFM8528

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
2.4GHz to 2.5GHz, Automotive WiFi Front End Module
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
WiFi Front-End Module 2.4GHz to 2.5GHz
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFFM4293 RFMD-RFFM4293 Datasheet
218Kb / 9P
WiFi Front End Module
logo
Qorvo, Inc
RFFM8528 QORVO-RFFM8528 Datasheet
267Kb / 10P
WiFi Front End Module 5180MHz to 5825MHz
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
2.4GHz to 2.5GHz, Automotive WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com