Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFGA2012SQ Datasheet(PDF) 12 Page - RF Micro Devices

Part # RFGA2012SQ
Description  InGaP HBT LOW POWER LINEAR AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFGA2012SQ Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RFGA2012SQ Datasheet HTML 4Page - RF Micro Devices RFGA2012SQ Datasheet HTML 5Page - RF Micro Devices RFGA2012SQ Datasheet HTML 6Page - RF Micro Devices RFGA2012SQ Datasheet HTML 7Page - RF Micro Devices RFGA2012SQ Datasheet HTML 8Page - RF Micro Devices RFGA2012SQ Datasheet HTML 9Page - RF Micro Devices RFGA2012SQ Datasheet HTML 10Page - RF Micro Devices RFGA2012SQ Datasheet HTML 11Page - RF Micro Devices RFGA2012SQ Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12 of 12
RFGA2012
DS110215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin Table and Description
Package Drawing
Dimensions in inches (millimeters)
Refer to drawing posted at www.rfmd.com for tolerances
Pin
Function
Description
1NC
No Internal Connection
2RF IN
RF Input. External DC Block is Required
3GND
Ground
4NC
No Internal Connection
5GND
Ground
6NC
No Internal Connection
7RF OUT
RF Output, Device Collector
8VBIAS
Supply Voltage for Bias Circuit, Power-down Pin
EPAD
NC
Thermal Ground. Must be Soldered to EVB Ground Plane Over a Bed of Vias.
TOP VIEW
SIDE VIEW
BOTTOM VIEW
0.000-.050
.152 Ref.
PIN #1 IDENTIFICATION
2.000±0.050
2.000±0.050
PIN 1 DOT
BY MARKING
.350±0.050
1.500
Ref.
.250±0.050
.500 Bsc
R0.100
1.200±0.050
Exp.DAP
.600±0.050
Exp.DAP
.85±.05
Trace Code
Trace Code to be assigned by assembly SubCon
H2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com