Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPI350U4BB Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # SPI350U4BB
Description  Complied with ATX and ATX12V standard
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI350U4BB Datasheet(HTML) 1 Page - Sparkle Power Inc.

  SPI350U4BB Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 90 ~ 264Vac (RMS), Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 6.3A (RMS) @ 115Vac, 3A (RMS) @ 230Vac
Inrush Current: No damage.
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
Specification
Temperature Range: Operating: 0°C ~ +50°C; storage &
shipping: -20°C ~ +80°C
Humidity: 85% on operating, 95% on storage
Dielectric Withstand: Primary frame ground 1800V AC for
1 second
Efficiency: 82% minimum.
Rise time: Less than 20ms
Hold-up Time: 17ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA at 264Vac, 50Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 190x100x40.5mm /7.5x3.9x1.6inch
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Ripple & Noise
+3.3V
0.3A
8A
16A
± 5%
50mV P-P
+5V
0.3A
9A
18A
± 5%
50mV P-P
+12V1
0.5A
8A
16A
± 5%
120mV P-P
+12V2
0.5A
8A
16A
± 5%
120mV P-P
-12V
0.0A
0.25A
0.5A
± 10%
120mV P-P
+5Vsb
0.0A
1.5A
3.0A
± 5%
50mV P-P
-5V
0.0A
0.15A
0.3A
± 10%
100mV P-P
* +3.3V and +5V total output not exceed 130W.
* Total output for this subject power supply is 350W
SPI350U4BB
(80 PLUS, RoHS Compliant)
350 Watts, 1U Switching Power Supply
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
Complied with ATX and ATX12V standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC
(Restriction on Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Noise Killer (thermal fan speed control function)
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 15 subpart J class B 115Vac operation,
and CISPR 22 class B at 230Vac operation
Approved by UL/CUL 60950-1,EN60950-1(CB Report) CE
,FCC,EMC report


Similar Part No. - SPI350U4BB

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
SPI350U4BM8 SPI-SPI350U4BM8 Datasheet
51Kb / 1P
350 Watts ATX12V 1U Medical Grade Power Supply
More results

Similar Description - SPI350U4BB

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP100-50LM SPI-FSP100-50LM Datasheet
99Kb / 1P
Complied with ATX12V standard
FSP250-60PFG SPI-FSP250-60PFG Datasheet
46Kb / 1P
Complied with ATX12V standard
FSP300-60PFK SPI-FSP300-60PFK Datasheet
43Kb / 1P
Complied with ATX12V standard
FSP460-60GHN SPI-FSP460-60GHN Datasheet
519Kb / 1P
Complied with ATX12V standard
FSP1200-50AAG SPI-FSP1200-50AAG Datasheet
41Kb / 1P
Complied with ATX12V standard
SPI300EP SPI-SPI300EP Datasheet
46Kb / 1P
Complied with ATX12V standard
SPI400A8BB24 SPI-SPI400A8BB24 Datasheet
50Kb / 1P
Complied with ATX12V standard
SPI700GHN SPI-SPI700GHN Datasheet
526Kb / 1P
Complied with ATX12V and EPS12V standard
FSP300-60PFN SPI-FSP300-60PFN Datasheet
358Kb / 1P
Complied with atx AND ATX12V standard
SPI700ACHBB SPI-SPI700ACHBB Datasheet
228Kb / 1P
Complied with ATX12V and EPS12V standard
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com