Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA1012TR7 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFPA1012TR7
Description  GaAs HBT 400MHz to 2700MHz Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1012TR7 Datasheet(HTML) 4 Page - RF Micro Devices

  RFPA1012TR7 Datasheet HTML 1Page - RF Micro Devices RFPA1012TR7 Datasheet HTML 2Page - RF Micro Devices RFPA1012TR7 Datasheet HTML 3Page - RF Micro Devices RFPA1012TR7 Datasheet HTML 4Page - RF Micro Devices RFPA1012TR7 Datasheet HTML 5Page - RF Micro Devices RFPA1012TR7 Datasheet HTML 6Page - RF Micro Devices RFPA1012TR7 Datasheet HTML 7Page - RF Micro Devices RFPA1012TR7 Datasheet HTML 8Page - RF Micro Devices RFPA1012TR7 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4 of 11
RFPA1012
DS150622
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance
(860MHz to 960MHz Application Circuit)
30
32
34
36
38
40
42
44
46
48
50
0.86
0.87
0.88
0.89
0.90
0.91
0.92
0.93
0.94
0.95
0.96
Frequency (GHz)
Output IP3 versus Frequency
85°C
25°C
-40°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.86
0.88
0.90
0.92
0.94
0.96
Frequency (GHz)
Noise Figure versus Frequency
85°C
25°C
-40°C
20
21
22
23
24
25
26
27
28
29
30
0.86
0.88
0.90
0.92
0.94
0.96
Frequency (GHz)
Output P1dB versus Frequency
85°C
25°C
-40°C
30
32
34
36
38
40
42
44
46
48
50
0.86
0.88
0.90
0.92
0.94
0.96
Frequency (GHz)
Output IP3 versus Frequency
85°C
25°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com