Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA2002SQ Datasheet(PDF) 12 Page - RF Micro Devices

Part # RFPA2002SQ
Description  Integrated Power Amplifier 1750MHz to 2200MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2002SQ Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RFPA2002SQ Datasheet HTML 4Page - RF Micro Devices RFPA2002SQ Datasheet HTML 5Page - RF Micro Devices RFPA2002SQ Datasheet HTML 6Page - RF Micro Devices RFPA2002SQ Datasheet HTML 7Page - RF Micro Devices RFPA2002SQ Datasheet HTML 8Page - RF Micro Devices RFPA2002SQ Datasheet HTML 9Page - RF Micro Devices RFPA2002SQ Datasheet HTML 10Page - RF Micro Devices RFPA2002SQ Datasheet HTML 11Page - RF Micro Devices RFPA2002SQ Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150209
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
12 of 12
RFPA2002
Pin Names and Descriptions
Pin
Name
Description
1
VBATT
Supply Voltage for bias circuitry
2
RFIN
RF Input; Connect to 50
Ω nominally, presents as DC ground.
3
VMODE1/GND
Digital control input for power mode selection. Connect to GND if HPM and MPM only operations.
4
VMODE0
Digital control input for power mode selection
5
VEN
Digital control input for enable/disable of PA
6
CPL_OUT
Coupler Output
7
GND
Ground
8
CPL_IN
Coupler Input
9
RFOUT
RF Output; Connect to 50
Ω nominally, present as DC ground
10
VCC
Supply voltage for PA stages which can be connected to battery supply or output of DC-DC converter
PCK BASE
GND
Ground Connection; This package backside should be soldered toa topside ground pad connecting to the PCB
ground plane with multiple ground via. The pad should have a low thermal resistance and low electrical
impedance to the ground plane.
Package Outline (Dimensions in millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com